Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC3130 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # CC3130
Description  CC3130 SimpleLink??Wi-Fi짰 Wireless Network Processor with Coexistence for MCU Applications
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC3130 Datasheet(HTML) 26 Page - Texas Instruments

Back Button CC3130 Datasheet HTML 22Page - Texas Instruments CC3130 Datasheet HTML 23Page - Texas Instruments CC3130 Datasheet HTML 24Page - Texas Instruments CC3130 Datasheet HTML 25Page - Texas Instruments CC3130 Datasheet HTML 26Page - Texas Instruments CC3130 Datasheet HTML 27Page - Texas Instruments CC3130 Datasheet HTML 28Page - Texas Instruments CC3130 Datasheet HTML 29Page - Texas Instruments CC3130 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 75 page
background image
8.13 BLE/2.4 GHz Radio Coexistence and WLAN Coexistence Requirements
For proper BLE/2.4 GHz radio coexistence, the following requirements needs to met:
Table 8-3. COEX Isolation Requirement
PARAMETER
Band
MIN
TYP
MAX
UNIT
Port-to-port isolation
Single antenna
20(1)
dB
Dual antenna Configuration
20(2)
(1)
WLAN/BLE switch used must provide a minimum of 20 dB isolation between ports.
(2)
For dual antenna configuration antenna placement must be such that isolation between the BLE and WLAN ports is at least 20 dB.
8.14 Thermal Resistance Characteristics for RGK Package
THERMAL METRICS(1)
°C/W(2) (3)
AIR FLOW (m/s)(4)
JC
Junction-to-case
6.3
0.0051
JB
Junction-to-board
2.4
0.0051
JA
Junction-to-free air
23
0.0051
JMA
Junction-to-moving air
14.6
0.765
12.4
1.275
10.8
2.55
PsiJT
Junction-to-package top
0.2
0.0051
0.2
0.765
0.3
1.275
0.1
2.55
PsiJB
Junction-to-board
2.3
0.0051
2.3
0.765
2.2
1.275
2.4
2.55
(1)
For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics.
(2)
°C/W = degrees Celsius per watt.
(3)
These values are based on a JEDEC-defined 2S2P system (with the exception of the Theta JC [RΘJC] value, which is based on a
JEDEC-defined 1S0P system) and will change based on environment as well as application. For more information, see these EIA/
JEDEC standards:
JESD51-2, Integrated Circuits Thermal Test Method Environmental Conditions - Natural Convection (Still Air)
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
JESD51-9, Test Boards for Area Array Surface Mount Package Thermal Measurements
Power dissipation of 2 W and an ambient temperature of 70°C is assumed.
(4)
m/s = meters per second.
8.15 Timing and Switching Characteristics
8.15.1 Power Supply Sequencing
For proper operation of the CC3130 device, perform the recommended power-up sequencing as follows:
1. Tie the following pins together on the board:
• VBAT (pins 37, 39, and 44)
• VIO (pins 54 and 10)
2. Hold the RESET pin low while the supplies are ramping up. TI recommends using a simple RC circuit (100 K
||, 0.01 µF, RC = 1 ms).
3. For an external RTC, ensure that the clock is stable before RESET is deasserted (high).
For timing diagrams, see Section 8.15.3.
CC3130
SWRS227 – MARCH 2020
www.ti.com
26
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated


Similar Part No. - CC3130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3135 TI1-CC3135 Datasheet
1Mb / 78P
[Old version datasheet]   SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
CC3135MOD TI1-CC3135MOD Datasheet
1Mb / 60P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Dual-Band Network Processor Module Solution for MCU Applications
CC3135MOD TI1-CC3135MOD Datasheet
2Mb / 69P
[Old version datasheet]   SimpleLink??Wi-Fi CC3135MOD Dual-Band Network Processor Module
CC3135MODRNMMOBR TI1-CC3135MODRNMMOBR Datasheet
2Mb / 69P
[Old version datasheet]   SimpleLink??Wi-Fi CC3135MOD Dual-Band Network Processor Module
CC3135MOD TI1-CC3135MOD_V01 Datasheet
2Mb / 69P
[Old version datasheet]   SimpleLink??Wi-Fi CC3135MOD Dual-Band Network Processor Module
More results

Similar Description - CC3130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3230S TI-CC3230S Datasheet
3Mb / 104P
[Old version datasheet]   CC3230S and CC3230SF SimpleLink??Wi-Fi짰 2.4GHz Wireless MCU with Coexistence
CC3100MOD TI-CC3100MOD_15 Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
CC3120 TI1-CC3120 Datasheet
1Mb / 57P
[Old version datasheet]   SimpleLink Wi-Fi Wireless Network Processor Internet-of-Things Solution for MCU Applications
CC3135 TI1-CC3135 Datasheet
1Mb / 78P
[Old version datasheet]   SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
CC3135MOD TI1-CC3135MOD Datasheet
1Mb / 60P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Dual-Band Network Processor Module Solution for MCU Applications
CC3100 TI-CC3100_15 Datasheet
1Mb / 44P
[Old version datasheet]   CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
CC3120MOD TI1-CC3120MOD Datasheet
2Mb / 52P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Network Processor Internet-of-Things Module Solution for MCU Applications
CC3200 TI-CC3200_15 Datasheet
2Mb / 71P
[Old version datasheet]   CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3220MOD_017 TI1-CC3220MOD_017 Datasheet
2Mb / 100P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
CC3200MOD TI-CC3200MOD_15 Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com