Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUF634A Datasheet(PDF) 7 Page - Texas Instruments

Part # BUF634A
Description  BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF634A Datasheet(HTML) 7 Page - Texas Instruments

Back Button BUF634A_V03 Datasheet HTML 3Page - Texas Instruments BUF634A_V03 Datasheet HTML 4Page - Texas Instruments BUF634A_V03 Datasheet HTML 5Page - Texas Instruments BUF634A_V03 Datasheet HTML 6Page - Texas Instruments BUF634A_V03 Datasheet HTML 7Page - Texas Instruments BUF634A_V03 Datasheet HTML 8Page - Texas Instruments BUF634A_V03 Datasheet HTML 9Page - Texas Instruments BUF634A_V03 Datasheet HTML 10Page - Texas Instruments BUF634A_V03 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
7.7 Typical Characteristics
At TA = 25°C, VS = ±15 V, RS = 50 Ω, and RL = 100 Ω (unless otherwise noted).
Frequency (Hz)
100k
1M
10M
100M
1G
10
5
0
-5
-10
-15
0
-10
-20
-30
-40
-50
D001
8.6 mA
6.6 mA
4.9 mA
2.7 mA
1.5 mA
Figure 7-1. Gain and Phase vs Frequency and
Quiescent Current
Frequency (Hz)
100k
1M
10M
100M
1G
0
-10
-20
-30
-40
-50
10
5
0
-5
-10
-15
D002
-40oC
25oC
125oC
Solid lines indicate wide-BW mode, dashed lines indicate low-
IQ mode
Figure 7-2. Gain and Phase vs Frequency and
Temperature
Frequency (Hz)
100k
1M
10M
100M
1G
0
-10
-20
-30
-40
-50
10
5
0
-5
-10
-15
D003
RS = 0 :
RS = 50 :
RS = 100 :
Solid lines indicate wide-BW mode, dashed lines indicate low-
IQ mode
Figure 7-3. Gain and Phase vs Frequency and
Source Resistance
Frequency (Hz)
100k
1M
10M
100M
1G
10
5
0
-5
-10
-15
0
-10
-20
-30
-40
-50
D004
RL = 1 k:
RL = 100 :
RL = 50 :
Solid lines indicate wide-BW mode, dashed lines indicate low-
IQ mode
Figure 7-4. Gain and Phase vs Frequency and Load
Resistance
Frequency (Hz)
100k
1M
10M
100M
1G
0
-10
-20
-30
-40
-50
-15
-10
-5
0
5
10
D005
CL = 0 pF
CL = 47 pF
CL = 220 pF
CL = 1 nF
Low-IQ mode
Figure 7-5. Gain and Phase vs Frequency and Load
Capacitance
Frequency (Hz)
100k
1M
10M
100M
1G
10
5
0
-5
-10
-15
0
-10
-20
-30
-40
-50
D006
CL = 0 pF
CL = 47 pF
CL = 220 pF
CL = 1 nF
Wide-BW mode
Figure 7-6. Gain and Phase vs Frequency and Load
Capacitance
www.ti.com
BUF634A
SBOS948D – FEBRUARY 2019 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: BUF634A


Similar Part No. - BUF634A_V03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF634A TI1-BUF634A_V01 Datasheet
2Mb / 34P
[Old version datasheet]   BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
BUF634A TI1-BUF634A_V02 Datasheet
3Mb / 44P
[Old version datasheet]   BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
BUF634A TI-BUF634A_V04 Datasheet
3Mb / 44P
[Old version datasheet]   BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
More results

Similar Description - BUF634A_V03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF634A TI-BUF634A_V04 Datasheet
3Mb / 44P
[Old version datasheet]   BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
BUF634A TI1-BUF634A_V02 Datasheet
3Mb / 44P
[Old version datasheet]   BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
BUF634A TI1-BUF634A_V01 Datasheet
2Mb / 34P
[Old version datasheet]   BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
BUF634A TI1-BUF634A Datasheet
665Kb / 21P
[Old version datasheet]   210-MHz, 250-mA, high-speed buffer
logo
ABLIC Inc.
S-19212B ABLIC-S-19212B Datasheet
960Kb / 60P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
S-1212B ABLIC-S-1212B Datasheet
1Mb / 60P
   105°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.3.1_00
logo
Texas Instruments
TPS65133 TI-TPS65133 Datasheet
1Mb / 19P
[Old version datasheet]   5 V, 250 mA Dual Output Power Supply
logo
Rohm
BD42530EFJ-C ROHM-BD42530EFJ-C Datasheet
1Mb / 29P
   250 mA Output Voltage Tracker
BD42530XXX-C ROHM-BD42530XXX-C Datasheet
1Mb / 30P
   250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
logo
Texas Instruments
TPS65133_15 TI-TPS65133_15_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS65133 짹5-V, 250-mA Dual-Output Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com