Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ79600-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ79600-Q1
Description  BQ79600-Q1 Automotive SPI/UART Communication Interface Functional-Safety Compliant With Automatic Host Wakeup
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ79600-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ79600-Q1_V01 Datasheet HTML 4Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 5Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 6Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 7Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 8Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 9Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 10Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 11Page - Texas Instruments BQ79600-Q1_V01 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tHB_PERIO
D
HEARTBEAT: Period between
HEARTBEAT Burst (from the beginning of
a HEARTBEAT to the beginning of the
next HEARTBEAT)
360
400
440
ms
tHB_TIMEO
UT
HEARTBEAT: Timeout to considered as
not receving HEARTBEAT
0.9
1
1.1
s
tHB_FAST
HEARTBEAT: If HEARTBEAT is received
within this time, it is considered receving
HEARTBEAT too fast
200
ms
tFTONE_PE
RIOD
Defined by BQ7961X, FAULT TONE:
Period between FAULT TONE Burst
From the beginning of a FAULT TONE to
the beginning of the next FAULT TONE
50
ms
tFT_LATEN
CY
Fault Tone latency in Base Device
From the time device receives the tone to
the time asserts NFAULT
24
µs
I/O TIMING (TX, RX, NFAULT)
tRISE_TX
Rise Time
CLOAD = 100pF, VIO=3.3V or 5V
15
ns
tFALL_TX
Fall Time
CLOAD = 100pF, VIO=3.3V or 5V
15
ns
tFALL/
RISE_RX
RX pin rise/fall time
100
ns
UART TIMING
UARTER
R_BAUD
UART TX/RX baud rate (either 250K or
1Mbps) error
–1.5
1.5
%
tUART(CLR
)
UART Comm Clear low time
15
20 bit period
tUART(RX_
HIGH)
UART high time after Comm Clear, before
sending Clear or Reset
1
bit period
SPI TIMING
SCLK
SPI clock freq
2
6
MHz
nSPI(CLR) SPI Comm Clear low time
8
bit
tSPI_R
SPI clock rising edge
25% to 75%
10
ns
tSPI_F
SPI clock falling edge
25% to 75%
10
ns
tSPI_CLKH SPI clock high time
70
ns
tSPI_CLKL SPI clock low time
70
ns
t8
Max SPI_RDY service interval. This time
doesn't apply if total response bytes
(payload + overhead) is less than 256
bytes
Read SCLK = 6MHz, with 30% SPI BUS
idle time
1
ms
t9
From nCS (25%) to SCLK rising (75%)
500
ns
t10
From SCLK falling (25%) to nCS (75%)
500
ns
t11
From nCS rising(75%) to nCS
falling(25%)
Don't drop nCS while SPI_RDY is low
1
µs
t12
From nCS falling (25%) to stable
MISO(L:20% H:80%)
Timing is defined at device pins, exclude
propergation delay of PCB traces (from
device perspective)
42
ns
t13
From SCLK falling (25%) to stable
MISO(L:20% H:80%)
Timing is defined at device pins, exclude
propergation delay of PCB traces (from
device perspective)
42
ns
t14
From nCS rising (75%) to MISO drive to
'1' (80%)
Timing is defined at device pins, exclude
propergation delay of PCB traces (from
device perspective)
42
ns
tSU
Setup time, refer to 75% of SCLK rising
20
ns
tH
Hold time, refer to 75% of SCLK rising
20
ns
SNIFF DETECTOR
BQ79600-Q1
SLUSDS1A – NOVEMBER 2019 – REVISED AUGUST 2020
www.ti.com
8
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BQ79600-Q1


Similar Part No. - BQ79600-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ79600-Q1 TI1-BQ79600-Q1 Datasheet
283Kb / 7P
[Old version datasheet]   BQ79600-Q1 ASIL-D Compliant Automotive SPI/UART Communication Interface With Automatic Host Wakeup
More results

Similar Description - BQ79600-Q1_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ79600-Q1 TI1-BQ79600-Q1 Datasheet
283Kb / 7P
[Old version datasheet]   BQ79600-Q1 ASIL-D Compliant Automotive SPI/UART Communication Interface With Automatic Host Wakeup
BQ79718-Q1 TI-BQ79718-Q1 Datasheet
1Mb / 11P
[Old version datasheet]   BQ79718-Q1 Functional Safety-Compliant Automotive 18S Battery Monitor
DECEMBER 2022
logo
Maxim Integrated Produc...
MAX17841B MAXIM-MAX17841B Datasheet
1Mb / 33P
   Automotive SPI Communication Interface (ASCI)
Rev 2; 1/15
logo
Texas Instruments
BQ79612-Q1 TI-BQ79612-Q1_V01 Datasheet
1Mb / 13P
[Old version datasheet]   BQ79616-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
BQ79616-Q1 TI1-BQ79616-Q1_V01 Datasheet
5Mb / 223P
[Old version datasheet]   BQ79616-Q1, BQ79616H-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
REVISED NOVEMBER 2023
BQ79616-Q1 TI-BQ79616-Q1 Datasheet
1Mb / 13P
[Old version datasheet]   BQ79616-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
logo
Maxim Integrated Produc...
MAX3421E MAXIM-MAX3421E_07 Datasheet
371Kb / 32P
   USB Peripheral/Host Controller with SPI Interface
Rev 3; 7/07
MAX3421E MAXIM-MAX3421E_14 Datasheet
260Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E_13 Datasheet
290Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E Datasheet
359Kb / 29P
   USB Peripheral/Host Controller with SPI Interface
Rev 0; 2/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com