Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ21062 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # BQ21062
Description  BQ21062 I2C Controlled 1-Cell 500-mA Linear Battery Charger with Power Path, Load Switch, 10-nA Ship Mode, and Regulated System (PMID) Voltage
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ21062 Datasheet(HTML) 26 Page - Texas Instruments

Back Button BQ21062 Datasheet HTML 22Page - Texas Instruments BQ21062 Datasheet HTML 23Page - Texas Instruments BQ21062 Datasheet HTML 24Page - Texas Instruments BQ21062 Datasheet HTML 25Page - Texas Instruments BQ21062 Datasheet HTML 26Page - Texas Instruments BQ21062 Datasheet HTML 27Page - Texas Instruments BQ21062 Datasheet HTML 28Page - Texas Instruments BQ21062 Datasheet HTML 29Page - Texas Instruments BQ21062 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 69 page
background image
BQ21062
TS
VDD
NTC
RPARALLEL
RPARALLEL = RNTC@25C
TS IBIAS
+
_
+
_
+
_
+
_
TS_HOT
TS_WARM
TS_COOL
TS_COLD
Disable Charge
Disable Charge
Reduce ICHARGE
Reduce VO_REG
Figure 9-8. TS Bias Functional Diagram
The BQ21062 supports by default the following thresholds for a 10-KΩ NTC.
Table 9-4. TS Thresholds for 10-KΩ Thermistor with 3380 B-Constant
THRESHOLD
TEMPERATURE
(°C)
VTS (V)
Open
--
>0.9
Cold
0
0.585
Cool
10
0.514
Warm
45(1)
0.265
Hot
45(1)
0.265
(1)
When VHOT is set to the same or higher voltage level as VWARM, the WARM region is overwitten by HOT region functionality (charge is
disabled).
9.3.12 I2C Interface
The BQ21062 device uses a fully compliant I2C interface to program and read control parameters, status bits,
and so on. I2C is a 2-wire serial interface developed by Philips Semiconductor (see I2C-Bus Specification,
Version 2.1, January 2000). The bus consists of a data line (SDA) and a clock line (SCL) with pull-up structures.
When the bus is idle, both SDA and SCL lines are pulled high. All the I2C compatible devices connect to the I2C
bus through open drain I/O pins, SDA and SCL. A master device, usually a micro-controller or a digital signal
processor, controls the bus. The master is responsible for generating the SCL signal and device addresses. The
master also generates specific conditions that indicate the START and STOP of data transfer. A slave device
receives and/or transmits data on the bus under control of the master device.
The BQ21062 works as a slave and supports the following data transfer modes, as defined in the I2C Bus
Specification: standard mode (100 kbps) and fast mode (400 kbps). The interface adds flexibility to the battery
charge solution, enabling most functions to be programmed to new values depending on the instantaneous
application requirements.
Register contents remain intact as long as VBAT or VIN voltages remains above their respective UVLO levels.
BQ21062
SLUSE42 – JULY 2020
www.ti.com
26
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BQ21062


Similar Part No. - BQ21062

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ21061 TI1-BQ21061 Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ21061YFPR TI1-BQ21061YFPR Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ21061YFPT TI1-BQ21061YFPT Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
More results

Similar Description - BQ21062

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ21061 TI1-BQ21061 Datasheet
1Mb / 60P
[Old version datasheet]   BQ21061 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, And LDO
BQ25155 TI1-BQ25155 Datasheet
1Mb / 108P
[Old version datasheet]   BQ25155 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode,PowerPath With Regulated System (PMID) Voltage, ADC, and LDO
BQ25157 TI-BQ25157 Datasheet
2Mb / 110P
[Old version datasheet]   BQ25157 I2C Controlled 1-Cell 500-mA Linear Battery Charger With 10-nA Ship Mode, Power Path With Regulated System (PMID) Voltage, ADC, LDO and 6.2-V OVP
BQ25181 TI-BQ25181 Datasheet
1Mb / 43P
[Old version datasheet]   BQ25181 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
APRIL 2022
BQ25180 TI-BQ25180_V01 Datasheet
1Mb / 51P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
DECEMBER 2021
BQ25180 TI-BQ25180 Datasheet
707Kb / 11P
[Old version datasheet]   BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
SLUSEM2 ??SEPTEMBER 2021
BQ21080 TI-BQ21080 Datasheet
1Mb / 53P
[Old version datasheet]   BQ21080 I2C Controlled, 1-Cell, 0.8-A Linear Battery Charger with Power Path and Ship Mode
JANUARY 2023
BQ25150 TI1-BQ25150_19 Datasheet
1Mb / 108P
[Old version datasheet]   500-mA Linear charger with 10-nA ship mode, advanced power path management and control, ADC, and LDO
BQ25150 TI1-BQ25150 Datasheet
247Kb / 8P
[Old version datasheet]   Linear Charger with 10-nA Ship Mode, Advanced Power Path Management and Control, 12-Bit ADC, and LDO
logo
Monolithic Power System...
MP2661 MPS-MP2661 Datasheet
1Mb / 35P
   4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com