Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSD3030DN Datasheet(PDF) 4 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSD3030DN
Description  N-Ch MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSD3030DN Datasheet(HTML) 4 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSD3030DN Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3030DN Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3030DN Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3030DN Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3030DN Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
10
100
700
10000
1
5
9
13
172125
VDS Drain to Source Voltage(V)
F=1.0MHz
Ciss
Coss
Crss
0.01
0.10
1.00
10.00
100.00
1000.00
0.1
1
10
100
10us
100us
10ms
100ms
DC
TC=25℃
Single Pulse
1ms
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
PDM
D = TON/T
TJpeak = TC + PDM x RθJC
TON
T
0.02
0.01
0.05
0.1
0.2
DUTY=0.5
SINGLE PULSE
VDS (V)
Fig.8 Safe Operating Area
t , Pulse Width (s)
Fig.9 Normalized Maximum Transient Thermal Impedance
Fig.7 Capacitance
Fig.10 Switching Time Waveform
Fig.11 Unclamped Inductive Switching Waveform
WSD3030DN
Page 4
www.winsok.tw
Dec.2014
N-Ch MOSFET


Similar Part No. - WSD3030DN

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
WSD3030DN DOINGTER-WSD3030DN Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - WSD3030DN

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSD4046GDN WIINSOK-WSD4046GDN Datasheet
1Mb / 6P
   N-Ch MOSFET
WSD4070DN WIINSOK-WSD4070DN Datasheet
1Mb / 7P
   N-Ch MOSFET
WSD30140DN56 WIINSOK-WSD30140DN56 Datasheet
873Kb / 6P
   N-Ch MOSFET
WSF15N10 WIINSOK-WSF15N10 Datasheet
779Kb / 5P
   N-Ch MOSFET
WSF15N10A WIINSOK-WSF15N10A Datasheet
2Mb / 5P
   N-Ch MOSFET
WSF3040 WIINSOK-WSF3040 Datasheet
820Kb / 5P
   N-Ch MOSFET
WSK140N03 WIINSOK-WSK140N03 Datasheet
1Mb / 5P
   N-Ch MOSFET
WSP06N10 WIINSOK-WSP06N10 Datasheet
987Kb / 5P
   N-Ch MOSFET
WSP14N10 WIINSOK-WSP14N10 Datasheet
1Mb / 6P
   N-Ch MOSFET
WSP4404 WIINSOK-WSP4404 Datasheet
779Kb / 7P
   N-Ch MOSFET
WSR50N06 WIINSOK-WSR50N06 Datasheet
722Kb / 5P
   N-Ch MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com