Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSD3030DN Datasheet(PDF) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSD3030DN
Description  N-Ch MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSD3030DN Datasheet(HTML) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSD3030DN Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3030DN Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3030DN Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3030DN Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSD3030DN Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0
20
40
60
80
100
120
0
0.5
1
1.5
2
2.5
3
VGS=10V
VGS=7V
VGS=5V
VGS=4.5V
VGS=3V
10
13
15
18
20
4
6
8
ID=
20A
0
2
4
6
8
10
12
0
0.3
0.6
0.9
1.2
TJ=150℃
TJ=25℃
0
0.5
1
1.5
-50
0
50
100
150
0.5
1.0
1.5
2.0
-50
0
50
100
150
Typical Characteristics
VDS , Drain-to-Source Voltage (V)
Fig.1 Typical Output Characteristics
VGS (V)
Fig.2 On-Resistance vs. G-S Voltage
VSD , Source-to-Drain Voltage (V)
Fig.3 Forward Characteristics of Reverse
Fig.4 Gate-charge Characteristics
TJ ,Junction Temperature ( ℃)
Fig.5 Normalized VGS(th) vs. TJ
TJ , Junction Temperature (℃)
Fig.6 Normalized RDSON vs. TJ
10
WSD3030DN
Page 3
www.winsok.tw
Dec.2014
VDS=15V
ID=20A
N-Ch MOSFET


Similar Part No. - WSD3030DN

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
WSD3030DN DOINGTER-WSD3030DN Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - WSD3030DN

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSD4046GDN WIINSOK-WSD4046GDN Datasheet
1Mb / 6P
   N-Ch MOSFET
WSD4070DN WIINSOK-WSD4070DN Datasheet
1Mb / 7P
   N-Ch MOSFET
WSD30140DN56 WIINSOK-WSD30140DN56 Datasheet
873Kb / 6P
   N-Ch MOSFET
WSF15N10 WIINSOK-WSF15N10 Datasheet
779Kb / 5P
   N-Ch MOSFET
WSF15N10A WIINSOK-WSF15N10A Datasheet
2Mb / 5P
   N-Ch MOSFET
WSF3040 WIINSOK-WSF3040 Datasheet
820Kb / 5P
   N-Ch MOSFET
WSK140N03 WIINSOK-WSK140N03 Datasheet
1Mb / 5P
   N-Ch MOSFET
WSP06N10 WIINSOK-WSP06N10 Datasheet
987Kb / 5P
   N-Ch MOSFET
WSP14N10 WIINSOK-WSP14N10 Datasheet
1Mb / 6P
   N-Ch MOSFET
WSP4404 WIINSOK-WSP4404 Datasheet
779Kb / 7P
   N-Ch MOSFET
WSR50N06 WIINSOK-WSR50N06 Datasheet
722Kb / 5P
   N-Ch MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com