Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF51G Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # SF51G
Description  Super Fast Recovery Glass Passivated Recitifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SF51G Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  SF51G Datasheet HTML 1Page - HY ELECTRONIC CORP. SF51G Datasheet HTML 2Page - HY ELECTRONIC CORP. SF51G Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rating and Characteristic Curves
SF51G THRU SF58G
The curve above is for reference only.
SF5*G-A-00-00
Rev. 11, 18-May-2020
0
1
2
3
4
5
6
0
50
100
150
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Surge Current
Number of Cycles at 60Hz
0
20
40
60
80
100
120
140
160
1
10
100
8.3mS Single Half-Sine-Wave
(JEDEC METOD)
Ambient Temperature (℃)
Fig. 3 - Typical Junction Capacitance
1
10
100
1
10
100
TJ=25°C,f=1MHz
Reverse Voltage (V)
SF51G-SF54G
SF55G-SF58G
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
TJ=25°C
Pulse Width 300uS 2%Duty
Cycle
Fig. 4 - Typical Forward Characteristics
Instantaneous Forward Voltage (V)
TJ=75°C
TJ=100°C
TJ=125°C
SF51G-SF54G
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
TJ=25°C
Pulse Width 300uS 2%Duty
Cycle
Fig. 5 - Typical Forward Characteristics
Instantaneous Forward Voltage (V)
TJ=75°C
TJ=100°C
TJ=125°C
SF55G-SF56G
0.1
1
10
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
TJ=25°C
Pulse Width 300uS 2%Duty
Cycle
Fig. 6 - Typical Forward Characteristics
Instantaneous Forward Voltage (V)
TJ=75°C
TJ=100°C
TJ=125°C
SF58G


Similar Part No. - SF51G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SF51G MCC-SF51G Datasheet
120Kb / 1P
   5 Amp High Efficiency Glass Passivated Rectifier 50 to 600 Volts
logo
Jinan Jing Heng Electro...
SF51G JINGHENG-SF51G Datasheet
58Kb / 2P
   SUPER FAST RECTIFIER
logo
PACELEADER INDUSTRIAL
SF51G PACELEADER-SF51G Datasheet
600Kb / 2P
   5.0 Amp Glass Passivated Super Fast Rectifiers - 50~600Volts
logo
MIC GROUP RECTIFIERS
SF51G MIC-SF51G Datasheet
54Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIER
logo
SUNMATE electronic Co.,...
SF51G SUNMATE-SF51G Datasheet
353Kb / 2P
   SUPER FAST RECOVER Y RECTIFIER DIODES
More results

Similar Description - SF51G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
FR151AG HY-FR151AG Datasheet
328Kb / 3P
   Fast Recovery Glass Passivated Recitifiers
FR101SG HY-FR101SG_V01 Datasheet
832Kb / 3P
   Fast Recovery Glass Passivated Recitifiers
BA157G HY-BA157G Datasheet
820Kb / 3P
   Fast Recovery Glass Passivated Recitifiers
FR201G HY-FR201G_V01 Datasheet
837Kb / 3P
   Fast Recovery Glass Passivated Recitifiers
FR601G HY-FR601G_V01 Datasheet
339Kb / 3P
   Fast Recovery Glass Passivated Recitifiers
FR101G HY-FR101G_V01 Datasheet
830Kb / 3P
   Fast Recovery Glass Passivated Recitifiers
FR151G HY-FR151G_V01 Datasheet
835Kb / 3P
   Fast Recovery Glass Passivated Recitifiers
FR151SG HY-FR151SG Datasheet
835Kb / 3P
   Fast Recovery Glass Passivated Recitifiers
FR301G HY-FR301G_V01 Datasheet
837Kb / 3P
   Fast Recovery Glass Passivated Recitifiers
1N4933G HY-1N4933G_V01 Datasheet
828Kb / 3P
   Fast Recovery Glass Passivated Recitifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com