Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF31 Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # SF31
Description  Super Fast Recovery Recitifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SF31 Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  SF31_V01 Datasheet HTML 1Page - HY ELECTRONIC CORP. SF31_V01 Datasheet HTML 2Page - HY ELECTRONIC CORP. SF31_V01 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rating and Characteristic Curves
SF31 THRU SF38
The curve above is for reference only.
SF3*-A-00-00
Rev. 11, 18-May-2020
0
0.5
1
1.5
2
2.5
3
3.5
0
50
100
150
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Surge Current
Number of Cycles at 60Hz
0
20
40
60
80
100
120
140
1
10
100
8.3mS Single Half-Sine-Wave
(JEDEC METOD)
Ambient Temperature (℃)
Fig. 3 - Typical Junction Capacitance
10
100
1000
1
10
100
TJ=25°C,f=1MHz
Reverse Voltage (V)
SF31-SF34
SF35-SF38
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
TJ=25°C
Pulse Width 300uS 2%Duty
Cycle
Fig. 4 - Typical Forward Characteristics
Instantaneous Forward Voltage (V)
TJ=75°C
TJ=100°C
TJ=125°C
SF31-SF34
0.1
1
10
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
TJ=25°C
Pulse Width 300uS 2%Duty
Cycle
Fig. 5 - Typical Forward Characteristics
Instantaneous Forward Voltage (V)
TJ=75°C
TJ=100°C
TJ=125°C
SF35-SF36
0.1
1
10
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
TJ=25°C
Pulse Width 300uS 2%Duty
Cycle
Fig. 6 - Typical Forward Characteristics
Instantaneous Forward Voltage (V)
TJ=75°C
TJ=100°C
TJ=125°C
SF38


Similar Part No. - SF31_V01

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
SF31 CHENDA-SF31_V01 Datasheet
691Kb / 2P
   SUPER FAST RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
SF31 SAMYANG-SF31_V01 Datasheet
445Kb / 2P
   SUPER FAST RECTIFIER
More results

Similar Description - SF31_V01

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
SF21 HY-SF21_V01 Datasheet
406Kb / 3P
   Super Fast Recovery Recitifiers
SF41 HY-SF41_V01 Datasheet
412Kb / 3P
   Super Fast Recovery Recitifiers
SF51 HY-SF51_V01 Datasheet
413Kb / 3P
   Super Fast Recovery Recitifiers
SF61 HY-SF61_V01 Datasheet
405Kb / 3P
   Super Fast Recovery Recitifiers
SF11 HY-SF11_V01 Datasheet
400Kb / 3P
   Super Fast Recovery Recitifiers
SF51G HY-SF51G Datasheet
412Kb / 3P
   Super Fast Recovery Glass Passivated Recitifiers
FR301 HY-FR301_V01 Datasheet
342Kb / 3P
   Fast Recovery Recitifiers
FR101 HY-FR101_V01 Datasheet
826Kb / 3P
   Fast Recovery Recitifiers
1N4933 HY-1N4933_V01 Datasheet
827Kb / 3P
   Fast Recovery Recitifiers
FR101S HY-FR101S_V01 Datasheet
827Kb / 3P
   Fast Recovery Recitifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com