Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM8840Q Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8840Q
Description  Dual N-Channel Enhancement-Mode MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8840Q Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8840Q Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8840Q Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8840Q Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8840Q Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8840Q Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8840Q Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8840Q Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2.
 
 
 
Electrical Characteristics
(TJ=25℃ unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS (Note 2)
BVDSS
Drain-Source Breakdown Voltage
ID=250μA, VGS=0 V
20
  
V
IDSS
Drain to Source Leakage Current
VDS= 16V, VGS=0V
  
1
μA
IGSS
Gate-Body Leakage Current
VGS=10V
  
10
μA
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID=250μA
0.3
0.65
1
V
RDS(ON)
Static Drain-Source On-Resistance
VGS=4.5V, ID=10A
 
8.5
9.5
mΩ
 
 
DYNAMIC PARAMETERS
Ciss
Input Capacitance
VGS=0V, VDS=10V,
f=1MHz
1000
1255
1510
pF
Coss
Output Capacitance
150
220
290
pF
Crss
Reverse Transfer Capacitance
100
168
235
pF
 
 
SWITCHING PARAMETERS
Qg
Total Gate Charge
VGS=4.5V, VDS=10V,
ID=10A
10
12.5
15
nC
Qgs
Gate Source Charge
 
5.5
 
nC
Qgd
Gate Drain Charge
 
6.5
 
nC
td(on)
Turn-On Delay Time
VGEN=4.5V, VDD=10V,
RGEN=3Ω
 
1.1
 
ns
td(off)
Turn-Off Delay Time
 
7
 
ns
td(r)
Turn-On Rise Time
 
2.6
 
ns
td(f)
Turn-Off Fall Time
 
7.4
 
ns
 
 
Thermal Resistance
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance Junction to Case(t≤10s)
30
40
/W
HM


Similar Part No. - HM8840Q

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM88 TTELEC-HM88 Datasheet
788Kb / 3P
   High Current Low Loss Sendust Surface Mount Inductors
HM88-10091R0LF TTELEC-HM88-10091R0LF Datasheet
788Kb / 3P
   High Current Low Loss Sendust Surface Mount Inductors
HM88-14121R0LF TTELEC-HM88-14121R0LF Datasheet
788Kb / 3P
   High Current Low Loss Sendust Surface Mount Inductors
logo
Shenzhen Huazhimei Semi...
HM8805 HMSEMI-HM8805 Datasheet
556Kb / 6P
   600mA LOW DROPOUT CMOS VOLTAGE REGULATORS
logo
VBsemi Electronics Co.,...
HM8810A VBSEMI-HM8810A Datasheet
1Mb / 8P
   Dual N-Channel MOSFET
More results

Similar Description - HM8840Q

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com