Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM8118 Datasheet(PDF) 9 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8118
Description  0.8A/40V Input竊?00kHz Synchronous Step-Down Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8118 Datasheet(HTML) 9 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM8118 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8118 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8118 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8118 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8118 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8118 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8118 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8118 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8118 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Application Information
For minimum noise problem and best operating performance, the PCB is preferred to following the guidelines as reference.
1.
Place the input decoupling capacitor as close to
HM8118 (VIN pin and GND) as possible to eliminate noise at the input pin.
The loop area formed by input capacitor and GND must be minimized.
2.
Put the feedback trace as far away from the inductor and noisy power traces as possible.
3.
The ground plane on the PCB should be as large as possible for better heat dissipation.
Reference Design
Reference 1:
VIN
EN
SW
FB
GND
VIN
VOUT
HM8118
GND
GND
R1
COUT
10uF
CIN
22uF
L1 6.8uH
BST
C2 100nF
0.1uF
IOUT : 0~800mA
VIN : 5.0V~40V
VOUT : 3.3V
75KΩ
R2
24KΩ
100KΩ
Reference 2:
VIN
EN
SW
FB
GND
VOUT
HM8118
GND
COUT
10uF
L1 10uH
BST
C2 100nF
IOUT : 0~800mA
VIN : 6.5V~40V
VOUT : 5.0V
R1
126KΩ
R2
24KΩ
VIN
GND
CIN
22uF
0.1uF
100KΩ
HM


Similar Part No. - HM8118

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM8118 ETC1-HM8118 Datasheet
987Kb / 2P
   LCR Bridge
More results

Similar Description - HM8118

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TP6841S6 TECHPUBLIC-TP6841S6 Datasheet
2Mb / 9P
   40V 0.8A 800khz Synchronous Step-Dowm Converter
logo
SHANGHAI BELLING CO., L...
BL9341 BELLING-BL9341 Datasheet
8Mb / 8P
   600mA, 40V Synchronous Step-Down Converter
logo
E-CMOS Corporation
EC5015A E-CMOS-EC5015A Datasheet
555Kb / 10P
   2A, 40V Synchronous Step-Down Converter
logo
Linear Technology
LTC3646 LINER-LTC3646_15 Datasheet
448Kb / 28P
   40V, 1A Synchronous Step-Down Converter
LTC3646-1 LINER-LTC3646-1_15 Datasheet
448Kb / 28P
   40V, 1A Synchronous Step-Down Converter
LTC3646 LINER-LTC3646 Datasheet
586Kb / 28P
   40V, 1A Synchronous Step-Down Converter
36461fc
logo
Shenzhen Huazhimei Semi...
HM2259D HMSEMI-HM2259D Datasheet
1Mb / 9P
   2A, 4.5V-20V Input竊?MHz Synchronous Step-Down Converter
HM1595 HMSEMI-HM1595 Datasheet
522Kb / 4P
   2A竊?0V Synchronous Rectified Step-Down Converter
logo
SHOUDING Shouding Semic...
SD8942 SHOUDING-SD8942 Datasheet
942Kb / 7P
   600KHz, 16V竊?A Synchronous Step-Down Converter
logo
List of Unclassifed Man...
MT2482 ETC1-MT2482 Datasheet
711Kb / 11P
   1.4MHz, 18V竊?A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com