Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMX8MNIEC Datasheet(PDF) 63 Page - NXP Semiconductors

Part # IMX8MNIEC
Description  i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MNIEC Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button IMX8MNIEC Datasheet HTML 59Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 60Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 61Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 62Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 63Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 64Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 65Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 66Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 89 page
background image
Electrical characteristics
i.MX 8M Nano Applications Processor Datasheet for Industrial Products, Rev. 0.1, 03/2020
NXP Semiconductors
63
Figure 41. SAI timing—Master modes
Table 55. Slave mode SAI timing (50 MHz)1
1 TX does not support 50 MHz operation in Slave mode.
Num
Characteristic
Min
Max
Unit
S11
SAI_BCLK cycle time (input)
20
ns
S12
SAI_BCLK pulse width high/low (input)
40%
60%
BCLK period
S13
SAI_FS input setup before SAI_BCLK
2
ns
S14
SAI_FA input hold after SAI_BCLK
2
ns
S17
SAI_RXD setup before SAI_BCLK
2
ns
S18
SAI_RXD hold after SAI_BCLK
2
ns
Table 56. Slave mode SAI timing (25 MHz)
Num
Characteristic
Min
Max
Unit
S11
SAI_BCLK cycle time (input)
40
ns
S12
SAI_BCLK pulse width high/low (input)
40%
60%
BCLK period
S13
SAI_FS input setup before SAI_BCLK
12
ns
S14
SAI_FA input hold after SAI_BCLK
2
ns
S15
SAI_BCLK to SAI_TXD/SAI_FS output valid
7
ns
S16
SAI_BCLK to SAI_TXD/SAI_FS output invalid
0
ns
S17
SAI_RXD setup before SAI_BCLK
12
ns
S18
SAI_RXD hold after SAI_BCLK
2
ns


Similar Part No. - IMX8MNIEC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX8MNIEC NXP-IMX8MNIEC Datasheet
1Mb / 114P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
IMX8MNIEC NXP-IMX8MNIEC_V01 Datasheet
1Mb / 114P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
More results

Similar Description - IMX8MNIEC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX8MNIEC NXP-IMX8MNIEC_V01 Datasheet
1Mb / 114P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
IMX8MNCEC NXP-IMX8MNCEC Datasheet
1Mb / 89P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 0.1, 03/2020
IMX8MNCEC NXP-IMX8MNCEC_V01 Datasheet
1Mb / 117P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 5, 09/2022
IMX8MMIEC NXP-IMX8MMIEC_V01 Datasheet
2Mb / 96P
   i.MX 8M Mini Applications Processor Datasheet for Industrial Products
Rev. 2, 11/2022
IMX8MMIEC NXP-IMX8MMIEC Datasheet
994Kb / 92P
   i.MX 8M Mini Applications Processor Datasheet for Industrial Products
Rev. 1, 07/2020
IMX8MMCEC NXP-IMX8MMCEC Datasheet
1Mb / 92P
   i.MX 8M Mini Applications Processor Datasheet for Consumer Products
Rev. 1, 07/2020
IMX8MPCEC NXP-IMX8MPCEC Datasheet
1Mb / 111P
   i.MX 8M Plus Applications Processor Datasheet for Consumer Products
Rev. 0, 03/2021
IMX8ULPIEC NXP-IMX8ULPIEC Datasheet
1Mb / 100P
   i.MX 8ULP Applications Processor-Industrial Products
Rev. 1 - 09/2023
IMX8MMINIFS NXP-IMX8MMINIFS Datasheet
187Kb / 2P
   i.MX 8M Mini Applications Processor
IMX6SXIEC NXP-IMX6SXIEC Datasheet
4Mb / 205P
   i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com