Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V3557S80BG Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT71V3557S80BG
Description  128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V3557S80BG Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT71V3557S80BG Datasheet HTML 3Page - Integrated Device Technology IDT71V3557S80BG Datasheet HTML 4Page - Integrated Device Technology IDT71V3557S80BG Datasheet HTML 5Page - Integrated Device Technology IDT71V3557S80BG Datasheet HTML 6Page - Integrated Device Technology IDT71V3557S80BG Datasheet HTML 7Page - Integrated Device Technology IDT71V3557S80BG Datasheet HTML 8Page - Integrated Device Technology IDT71V3557S80BG Datasheet HTML 9Page - Integrated Device Technology IDT71V3557S80BG Datasheet HTML 10Page - Integrated Device Technology IDT71V3557S80BG Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
6.42
IDT71V3557, IDT71V3559, 128K x 36, 256K x 18, 3.3V Synchronous SRAMs with
ZBT™ Feature, 3.3V I/O, Burst Counter, and Flow-Through Outputs
Commercial and Industrial Temperature Ranges
7
Pin Configuration — 128K x 36, 119 BGA
Pin Configuration - 256K x 18, 119 BGA
Top View
Top View
NOTES:
1. R5 and J5 do not have to be directly connected to VSS as long as the input voltage is < VIL.
2. J3 does not have to be directly connected directly to VDD as long as the input voltage is
≥ VIH.
3. G4 and A4 are reserved for future 8M and 16M respectively.
4. These pins are NC for the "S" version and the JTAG signal listed for the "SA" version.
5.
TRST is offered as an optional JTAG reset if requested in the application. If not needed, can be left floating and will internally be pulled to VDD.
6. Pin T7 supports ZZ (sleep mode) for the latest die revisions.
123
456
7
A
VDDQ
A6
A4
A8
A16
VDDQ
B
NC
CE 2
A3
ADV/
LD
A9
CE2
NC
C
A7
A2
VDD
A12
A15
NC
D
I/O16
I/OP3
VSS
NC
VSS
I/OP2
I/O15
E
I/O17
I/O18
VSS
VSS
I/O13
I/O14
F
VDDQ
I/O19
VSS
OE
VSS
I/O12
VDDQ
G
I/O20
I/O21
BW3
BW2
I/O11
I/O10
H
I/O22
I/O23
VSS
R/
W
VSS
I/O9
I/O8
J
VDDQ
VDD
VDD
VDD
VDDQ
K
I/O24
I/O26
VSS
CLK
VSS
I/O6
I/O7
L
I/O25
I/O27
BW4
NC
BW1
I/O4
I/O5
M
VDDQ
I/O28
VSS
CEN
VSS
I/O3
VDDQ
N
I/O29
I/O30
VSS
A1
VSS
I/O2
I/O1
P
I/O31
I/OP4
VSS
A0
VSS
I/O
0
I/O
P1
R
NC
A5
LBO
VDD
A13
T
NC
NC
A10
A11
A14
NC
NC/ZZ(6)
U
VDDQ
NC/TMS(4)
NC/TDI(4)
NC/TCK(4) NC/TDO(4) NC/
TRST(4,5) VDDQ
5282 drw 13A
VSS(1)
NC
NC(3)
CE1
NC(3)
VDD(2)
VSS(1)
,
NC
1234
567
A
VDDQ
A6
A4
NC(3)
A8
A16
VDDQ
B
NC
CE2
A3
ADV/
LD
A9
CE2
NC
C
A7
A2
VDD
A13
A17
NC
D
I/O8
NC
VSS
NC
VSS
I/OP1
NC
E
NC
I/O9
VSS
VSS
NC
I/O7
F
VDDQ
NC
VSS
OE
VSS
I/O6
VDDQ
G
NC
I/O10
BW2
NC
I/O5
H
I/O11
NC
VSS
R/
W
VSS
I/O4
NC
J
VDDQ
VDD
VDD
VDD
VDDQ
K
NC
I/O12
VSS
CLK
VSS
NC
I/O3
L
I/O13
NC
NC
BW1
I/O2
NC
M
VDDQ
I/O14
VSS
CEN
VSS
NC
VDDQ
N
I/O15
NC
VSS
A1
VSS
I/O1
NC
P
NC
I/OP2
VSS
A0
VSS
NC
I/O0
R
NC
A5
LBO
VDD
A12
T
NC
A10
A15
NC
A14
A11
NC/ZZ(6)
U
VDDQ
NC/TMS(4)
NC/TDI(4)
NC/TCK(4)
NC/TDO(4) NC/TRST(4,5) VDDQ
5282 drw 13B
NC
SS(1)
V
VSS
VSS
CE1
NC(3)
VDD(2)
VSS(1)
,
NC


Similar Part No. - IDT71V3557S80BG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V3557S80BGG IDT-IDT71V3557S80BGG Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
IDT71V3557S80BGGI IDT-IDT71V3557S80BGGI Datasheet
298Kb / 28P
   Synchronous ZBT SRAMs
More results

Similar Description - IDT71V3557S80BG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V3556S IDT-IDT71V3556S Datasheet
1,010Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V3556S RENESAS-71V3556S Datasheet
337Kb / 29P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
Aug.06.21
logo
Integrated Device Techn...
71V3558S200PFG IDT-71V3558S200PFG Datasheet
643Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V65703 RENESAS-71V65703 Datasheet
311Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
Oct.18.21
logo
Integrated Device Techn...
IDT71V2546S IDT-IDT71V2546S Datasheet
1,004Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2556S IDT-IDT71V2556S Datasheet
1,019Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V3577S IDT-IDT71V3577S Datasheet
521Kb / 22P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 3.3V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
IDT71V65703 IDT-IDT71V65703_14 Datasheet
615Kb / 23P
   3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
IDT71V65602 IDT-IDT71V65602 Datasheet
970Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2577 IDT-IDT71V2577 Datasheet
516Kb / 23P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 2.5V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com