Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWT-13-W122-5 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # CWT-13-W122-5
Description  SOLDERSLEEVE TERMINATOR WITH PRE-INSTALLED LEAD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

CWT-13-W122-5 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  CWT-13-W122-5 Datasheet HTML 1Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CUSTOMER DRAWING
TITLE:
SOLDERSLEEVE TERMINATOR WITH
PRE-INSTALLED LEAD
Unless otherwise specified dimensions are in
millimeters.[Inches dimensions are shown in brackets]
DIMENSIONING AND TOLERANCING PER GPS
(ISO STANDARDS)
Raychem
Devices
DOCUMENT NO.:
CWT-XX-W122-5
TOLERANCES:
0.00 ± 0.02 MM
0.0 ± 0.2 MM
0 ± 0.5 MM
ANGLES: ± 0°30’
ROUGHNESS
IN MICRON
Tyco Electronics Corporation reserves
the right to amend this drawing at any
time. Users should evaluate the
suitability of the product for their
application.
REV:
C
DATE:
May 9, 2012
PREPARED BY:
YNGUYEN
CAGE CODE:
06090
ECO NUMBER:
ECO-12-008844
SCALE:
NTS
SIZE:
A
SHEET:
1 of 1
© 2003-2012 Tyco Electronics Corporation. All rights reserved.
If this document is printed it becomes uncontrolled. Check for the latest revision.
Product Dimensions
Cable Dimensions
Product
Description
øA
MIN
øB
MIN
L
MAX
øD
MAX
øE
MIN
øF
MIN
øG
MAX
J
CWT-3-W122-5
2.50
(0.098)
3.00
(0.118)
24.50
(0.965)
3.00
(0.118)
1.50
(0.059)
1.00
(0.040)
2.50
(0.098)
7.00±0.50
(0.276±0.020)
CWT-5-W122-5
4.30
(0.169)
4.80
(0.189)
29.30
(1.154)
4.80
(0.189)
2.00
(0.079)
1.50
(0.059)
4.30
(0.169)
9.00±0.50
(0.354±0.020)
CWT-6-W122-5
6.00
(0.236)
6.70
(0.264)
32.00
(1.260)
6.70
(0.264)
3.30
(0.130)
2.80
(0.110)
6.00
(0.236)
10.00± 0.50
(0.394±0.020)
CWT-7-W122-5
6.40
(0.252)
7.30
(0.287)
32.50
(1.280)
7.30
(0.287)
3.30
(0.130)
2.80
(0.110)
6.40
(0.252)
11.00±1.00
(0.433±0.040)
CWT-9-W122-5
8.70
(0.343)
9.20
(0.362)
35.50
(1.398)
9.20
(0.362)
4.50
(0.177)
4.00
(0.157)
8.70
(0.343)
12.00± 1.00
(0.472±0.040)
CWT-11-W122-5
10.00
(0.394)
11.50
(0.453)
35.50
(1.398)
11.50
(0.453)
4.50
(0.177)
4.00
(0.157)
10.00
(0.394)
13.00±1.00
(0.512±0.040)
CWT-13-W122-5
13.00
(0.512)
15.00
(0.591)
45.50
(1.791)
15.10
(0.594)
7.00
(0.276)
6.50
(0.256)
13.00
(0.512)
17.00±1.00
(0.669±0.040)
MATERIALS
1. INSULATION SLEEVE: Transparent heat-shrinkable radiation cross-linked modified polyolefin.
2. SOLDER PREFORM WITH FLUX:
SOLDER:
TYPE Cd18 per ANSI/J-STD-006.
FLUX:
TYPE ROM1 per ANSI/J-STD-004.
3. MELTABLE SEALING RING: Thermally stabilized thermoplastic.
4. GROUND LEAD: Raychem cross-linked polyethylene wire, AWG22, stranded tin plated copper. Color: green.
APPLICATION
1. These controlled soldering devices are designed for termination of a bare or tin-plated copper shield on a cable having an
insulation rated for at least +85 C, meeting the dimensional criteria listed in the table above.
2. Temperature range: -55 C to +125 C.
3. When installed properly, these devices will meet the requirements of TE Connectivity/Raychem Specification RT-1404.
4. For installation procedure and application equipment, consult TE Connectivity /Raychem RPIP 824-00.
For best results, prepare
the cable as shown:


Similar Part No. - CWT-13-W122-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CWT-13 MACOM-CWT-13 Datasheet
95Kb / 1P
   SPECIFICATION CONTROL DRAWING
More results

Similar Description - CWT-13-W122-5

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
D-103-33 PANDUIT-D-103-33 Datasheet
39Kb / 1P
   SOLDERSLEEVE* DEVICE WITH PRE-INSTALLED LEAD
D-101-33 PANDUIT-D-101-33 Datasheet
36Kb / 1P
   SOLDERSLEEVE* DEVICE WITH PRE-INSTALLED LEAD
logo
List of Unclassifed Man...
B-058-00 ETC2-B-058-00 Datasheet
43Kb / 1P
   SOLDERSLEEVE DEVICE WITH PRE-INSTALLED LEAD
logo
PANDUIT CORP.
D-181-1220-90 PANDUIT-D-181-1220-90 Datasheet
106Kb / 1P
   COAXIAL SOLDERSLEEVE DEVICE WITH PRE-INSTALLED LEAD
logo
Tyco Electronics
024278-000 MACOM-024278-000 Datasheet
118Kb / 1P
   COAXIAL SOLDERSLEEVE DEVICE WITH PRE-INSTALLED LEAD
logo
TE Connectivity Ltd
SO63-A-55-GA-CL TEC-SO63-A-55-GA-CL Datasheet
95Kb / 1P
   SOLDERSLEEVE DEVICE WITH PRE-INSTALLED LEAD IMMERSION RESISTANT
logo
Tyco Electronics
021174-000 MACOM-021174-000 Datasheet
106Kb / 1P
   SOLDERSLEEVE* DEVICE WITH PRE-INSTALLED LEAD IMMERSION RESISTANT
B-151-07 MACOM-B-151-07 Datasheet
113Kb / 1P
   SOLDERSLEEVE LOW-FIRE-HAZARD WITH PRE-INSTALLED LEAD.
012361-000 MACOM-012361-000 Datasheet
106Kb / 1P
   SOLDERSLEEVE DEVICE WITH PRE-INSTALLED LEAD IMMERSION RESISTANT
2-1194763-7 MACOM-2-1194763-7 Datasheet
101Kb / 1P
   COAXIAL SOLDERSLEEVE* DEVICE WITH PRE-INSTALLED LEAD SOLID WIRES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com