Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HM5110 Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part No. HM5110
Description  Touch control three-way LED headlight driver IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5110 Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5110 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5110 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5110 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5110 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5110 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5110 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
轻触控制三路LED头灯驱动IC
特性
:
上电
OFF,轻触后 L1L3 亮
L2L3 亮
L1L2L3 同亮
L1L2L3 同闪
三灯全灭
工作电压:
2.5V~5V
工作效率高达
93%
120mΩ 低导通电阻
L1,L2 都有 1.4A 的驱动电流能力
L3 具有指示灯的效果
SOT23-6 绿色封装
轻触按键实现功能选择
描述
:
HM5110是一颗轻触开关控制的5功能LED照明驱动芯片,
特别适用于
LED头灯上,采用了极小的SOT23-6无铅封装
形式,外加一个电容器件,既节省
PCB空间,又节省系统
的成本,三节干电池或一节锂电池可以驱动
1-6W的LED。
HM5110通过轻触开关实现功能选择。
HM5110 可工作于-40℃~+85℃
应用范围
:
移动手电筒
LED 头灯
LED 驱动
典型应用电路
:
VDD
Key
L3
L2
L1
GND
C1
10uF
R1
R2
R3
BAT
1. 应用电路 


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn