Electronic Components Datasheet Search |
|
CCF-60196KFKR36 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
CCF-60196KFKR36 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 2 page Document Number: 31015 Revision 05-Oct-05 www.vishay.com 16 CCF55, CCF60 Vishay Dale For Technical Questions, contact ff3dresistors@vishay.com Metal Film Resistors, Industrial, ± 1% Tolerance FEATURES • Power Ratings: 1/4, 1/2, 3/4 and 1 watt at + 70°C • ± 100ppm/°C temperature coefficient • Superior electrical performance • Flame retardant epoxy conformal coating • Standard 5 band color code marking for ease of identification after mounting • Tape and reel packaging for automatic insertion (52.4mm inside tape spacing per EIA-296-E) • Lead (Pb)-Free version is RoHS Compliant GLOBAL HISTORICAL POWER RATING LIMITING ELEMENT TEMPERATURE TOLERANCE RESISTANCE E-SERIES MODEL MODEL P 70˚C VOLTAGE MAX. COEFFICIENT RANGE WV ppm/ °C% Ω CCF55 CCF-55 0.25 / 0.5 250 ± 100 ± 1 10R - 3.01M 96 CCF60 CCF-60 0.50 / 0.75 / 1.0 500 ± 100 ± 1 10R - 1M 96 STANDARD ELECTRICAL SPECIFICATIONS PARAMETER UNIT CCF55 CCF60 Rated Dissipation at 70˚C W 0.25 / 0.5 0.5 / 0.75 / 1.0 Maximum Working Voltage V ≤ 250 ≤ 500 Insulation Voltage (1min) V eff 500 500 Dielectric Strength VAC 450 450 Insulation Resistance Ω ≥1011 ≥1011 Operating Temperature Range °C -65 / +165 -65 / +165 Terminal Strength (pull test) lb 2 2 Weight g 0.35 max 0.75 max TECHNICAL SPECIFICATIONS GLOBAL MODEL RESISTANCE VALUE TOLERANCE TEMPERATURE PACKAGING SPECIAL CODE COEFFICIENT CCF55 R = Decimal F = ± 1% K = 100ppm E36 = Lead (Pb)-Free,T/R (5000 pcs) Blank=Standard CCF60 K = Thousand R36 = Tin/Lead, T/R (5000 pcs) (DashNumber) M = Million (up to 3 digits) 10R0 = 10 Ω From 1-999 680K = 680K Ω as applicable 1M00 = 1.0M Ω GLOBAL PART NUMBER INFORMATION New Global Part Numbering: CCF55301RFKR36 (preferred part numbering format) CC F 5 5 3 0 1 R F K R 3 6 Historical Part Number example: CCF-553010F (will continue to be accepted) CCF-55 3010 F R36 HISTORICAL MODEL RESISTANCE VALUE TOLERANCE CODE PACKAGING Available Pb-free RoHS* COMPLIANT e3 * Pb containing terminations are not RoHs compliant, exemptions may apply |
Similar Part No. - CCF-60196KFKR36 |
|
Similar Description - CCF-60196KFKR36 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |