Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDT122PWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDT122PWR
Description  1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDT122PWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVDT122PWR Datasheet HTML 3Page - Texas Instruments SN65LVDT122PWR Datasheet HTML 4Page - Texas Instruments SN65LVDT122PWR Datasheet HTML 5Page - Texas Instruments SN65LVDT122PWR Datasheet HTML 6Page - Texas Instruments SN65LVDT122PWR Datasheet HTML 7Page - Texas Instruments SN65LVDT122PWR Datasheet HTML 8Page - Texas Instruments SN65LVDT122PWR Datasheet HTML 9Page - Texas Instruments SN65LVDT122PWR Datasheet HTML 10Page - Texas Instruments SN65LVDT122PWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.ti.com
1.2 V
Y
Z
A
B
1 pF
49.9
Ω ±1%
49.9
Ω ±1%
1 V or 1.4 V
DE
VOY or VOZ
VOZ or VOY
3 V
1.5 V
0 V
≅ 1.4 V
1.25 V
1.2 V
1.2 V
1.15 V
tPZH
tPHZ
≅ 1 V
tPZL
tPLZ
1.2 V
DE
t(SET)
t(HOLD)
t(SWITCH)
INPUT 1
OUTPUT1
A
B
C
D
A
B
C
D
INPUT 2
SEL 0/1
SN65LVDS122
SN65LVDT122
SLLS525B – MAY 2002 – REVISED JUNE 2004
PARAMETER MEASUREMENT INFORMATION (continued)
NOTE: All input pulses are supplied by a generator having the following characteristics: tr or tf≤ 1 ns, pulse repetition rate
(PRR) = 0.5 Mpps, pulse width = 500
±10 ns. C
L includes instrumentation and fixture capacitance within 0,06 mm of
the D.U.T.
Figure 5. Enable and Disable Time Circuit and Definitions
Figure 6. Example Switch, Setup, and Hold Times
7


Similar Part No. - SN65LVDT122PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDT122PWR TI-SN65LVDT122PWR Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDT122PWR TI1-SN65LVDT122PWR Datasheet
931Kb / 23P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDT122PWRG4 TI-SN65LVDT122PWRG4 Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
More results

Similar Description - SN65LVDT122PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS122 TI-SN65LVDS122_07 Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDS122 TI1-SN65LVDS122_14 Datasheet
931Kb / 23P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDS125 TI-SN65LVDS125 Datasheet
140Kb / 12P
[Old version datasheet]   1.5 GBPS LVDS 4 X 4 CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP154A NSC-DS10CP154A Datasheet
347Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS90CP04 NSC-DS90CP04_07 Datasheet
403Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com