Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDT122PW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDT122PW
Description  1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDT122PW Datasheet(HTML) 2 Page - Texas Instruments

  SN65LVDT122PW Datasheet HTML 1Page - Texas Instruments SN65LVDT122PW Datasheet HTML 2Page - Texas Instruments SN65LVDT122PW Datasheet HTML 3Page - Texas Instruments SN65LVDT122PW Datasheet HTML 4Page - Texas Instruments SN65LVDT122PW Datasheet HTML 5Page - Texas Instruments SN65LVDT122PW Datasheet HTML 6Page - Texas Instruments SN65LVDT122PW Datasheet HTML 7Page - Texas Instruments SN65LVDT122PW Datasheet HTML 8Page - Texas Instruments SN65LVDT122PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
PACKAGE DISSIPATION RATINGS
SN65LVDS122
SN65LVDT122
SLLS525B – MAY 2002 – REVISED JUNE 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PACKAGE
TERMINATION RESISTOR
PART NUMBER(1)
SYMBOLIZATION
SOIC
No
SN65LVDS122D
LVDS122
SOIC
Yes
SN65LVDT122D
LVDT122
TSSOP
No
SN65LVDS122PW
LVDS122
TSSOP
Yes
SN65LVDT122PW
LVDT122
(1)
Add the suffix R for taped and reeled carrier
over operating free-air temperature range unless otherwise noted(1)
SN65LVDS122, SN65LVDT122
VCC
Supply voltage range(2)
–0.5 V to 4 V
(A, B)
–0.7 V to 4.3 V
|VA-VB| (LVDT only)
1 V
Voltage range
(DE, S0, S1)
–0.5 V to 4 V
(Y, Z)
–0.5 V to 4 V
A, B, Y, Z, and GND
±4 kV
Human Body Model(3)
ESD
All pins
±2 kV
Charged-Device Model(4)
All pins
±1500 V
Continuous power dissipation
See Dissipation Rating Table
Tstg
Storage temperature range
–65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-A.7.
(4)
Tested in accordance with JEDEC Standard 22, Test Method C101.
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VIH
High-level input voltage
S0, S1, 1DE, 2DE
2
4
V
VIL
Low-level input voltage
S0, S1, 1DE, 2DE
0
0.8
V
LVDS
0.1
1
|VID|
Magnitude of differential input voltage
V
LVDT
0.1
0.8
Input voltage (any combination of common-mode or input signals)
0
4
V
TA
Operating free-air temperature
–40
85
°C
TA ≤ 25°C
DERATING FACTOR(1)
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
PW
712 mW
6.2 mW/
°C
340 mW
D
1002 mW
8.7 mW/
°C
480 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
2


Similar Part No. - SN65LVDT122PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDT122PW TI-SN65LVDT122PW Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDT122PWG4 TI-SN65LVDT122PWG4 Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDT122PWR TI-SN65LVDT122PWR Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDT122PWR TI1-SN65LVDT122PWR Datasheet
931Kb / 23P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDT122PWRG4 TI-SN65LVDT122PWRG4 Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
More results

Similar Description - SN65LVDT122PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS122 TI-SN65LVDS122_07 Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDS122 TI1-SN65LVDS122_14 Datasheet
931Kb / 23P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDS125 TI-SN65LVDS125 Datasheet
140Kb / 12P
[Old version datasheet]   1.5 GBPS LVDS 4 X 4 CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP154A NSC-DS10CP154A Datasheet
347Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS90CP04 NSC-DS90CP04_07 Datasheet
403Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com