Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4624 Datasheet(PDF) 4 Page - 3M Electronics

Part # 4624
Description  VHB Tape - Specialty Tapes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

4624 Datasheet(HTML) 4 Page - 3M Electronics

  4624 Datasheet HTML 1Page - 3M Electronics 4624 Datasheet HTML 2Page - 3M Electronics 4624 Datasheet HTML 3Page - 3M Electronics 4624 Datasheet HTML 4Page - 3M Electronics 4624 Datasheet HTML 5Page - 3M Electronics 4624 Datasheet HTML 6Page - 3M Electronics 4624 Datasheet HTML 7Page - 3M Electronics 4624 Datasheet HTML 8Page - 3M Electronics 4624 Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
- 4 -
3MVHBTape - Specialty Tapes
Typical Performance
Characteristics
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
4914
White
0.010
13 (23)
130 (900)
130 (900)
4920
White
0.015
15 (26)
160 (1100)
100 (690)
4929
Black
0.025
20 (35)
160 (1100)
100 (690)
4930(F)
White
0.025
20 (35)
160 (1100)
100 (690)
4949
Black
0.045
25 (44)
140 (970)
80 (550)
4950
White
0.045
25 (44)
140 (970)
80 (550)
4955
White
0.080
20 (35)
95 (660)
70 (480)
4959(F)
White
0.062
20 (35)
75 (520)
55 (380)
4945
4946
White
White
0.045
0.045
25 (44)
25 (44)
140 (970)
140 (970)
80 (550)
80 (550)
4905
4910
Clear
Clear
0.020
0.040
12 (21)
15 (26)
100 (690)
100 (690)
70 (480)
70 (480)
4951
White
0.045
18 (32)
110 (760)
80 (550)
4943F
Gray
0.045
20 (35)
85 (590)
70 (480)
4957F
Gray
0.062
20 (35)
75 (520)
70 (480)
LSE-060
LSE-110
LSE-160
White
White
White
0.025
0.045
0.062
17 (30)
25 (44)
30 (54)
80 (550)
70 (470)
65 (450)
110 (810)
85 (590)
75 (530)
GPH-060
Gray
0.025
14 (25)
90 (630)
120 (840)
GPH-110
Gray
0.045
21 (37)
95 (670)
105 (730)
GPH-160
Gray
0.062
19 (34)
105 (720)
80 (570)
4916
White
0.025
17 (30)
85 (590)
80 (550)
4622
White
0.045
20 (35)
70 (480)
65 (450)
4624
White
0.062
20 (35)
55 (380)
60 (410)
90° Peel Adhesion - Based on ASTM D3330 -To stainless steel, room temperature, jaw speed 12 in/min (304.8 mm/min). Average force to remove is measured.
72 hour dwell.
Normal Tensile (T-Block Tensile) - ASTM D-897 - Toaluminum, room temperature, 1 in2(6.45 cm2), jaw speed 2 in/min (50.8 mm/min) Peak force to separate is
measured. 72 hour dwell.
Dynamic Overlap Shear - ASTM D-1002 - Tostainless steel, room temperature, 1 in2(6.45 cm2), jaw speed 0.5 in/min (12.7 mm/min) Peak force to separate is
measured. 72 hour dwell.
Product
Inches
Dynamic Adhesion Performance
lb/in N/cm
lb/in2 kPa
lb/in2 kPa
XXXXX


Similar Part No. - 4624

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4624 3M-4624 Datasheet
641Kb / 10P
   VHB?줥apes
logo
Visual Communications C...
4624 VCC-4624 Datasheet
92Kb / 1P
   Relampable Indicator Light
logo
List of Unclassifed Man...
4624 ETC-4624 Datasheet
44Kb / 1P
   High Q, high self-resonant frequency
logo
RAF ELECTRONIC HARDWARE
4624-1032-S RAF-4624-1032-S Datasheet
103Kb / 1P
   3/8 HEX MALE FEMALE STANDOFFS
logo
3M Electronics
4624-6000 3M-4624-6000 Datasheet
45Kb / 4P
   100 X 100, Plug
More results

Similar Description - 4624

ManufacturerPart #DatasheetDescription
logo
3M Electronics
86415 3M-86415 Datasheet
275Kb / 3P
   3M??VHB??Tape
F9460PC 3M-F9460PC Datasheet
28Kb / 4P
   VHB??Adhesive Transfer Tapes with Adhesive 100MP
GPH-110GF 3M-GPH-110GF Datasheet
312Kb / 8P
   3M??VHB??Tape GPH-110GF
GPH-060GF 3M-GPH-060GF Datasheet
312Kb / 8P
   3M??VHB??Tape GPH-060GF
5980 3M-5980 Datasheet
268Kb / 2P
   3M??VHB??Tape 5980, 5980WT
LSE-110WF 3M-LSE-110WF Datasheet
170Kb / 3P
   3M??VHB??Tape LSE Series
9380 3M-9380 Datasheet
348Kb / 5P
   3M??Adhesive Transfer Tapes with Specialty Acrylic Adhesive
9379 3M-9379 Datasheet
348Kb / 5P
   3M??Adhesive Transfer Tapes with Specialty Acrylic Adhesive
B23F 3M-B23F Datasheet
151Kb / 6P
   3M??VHB??Structural Glazing Tape B23F
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
   3M™ VHB™ Tape RP040GF
May, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com