Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P1J-5-FX16PA Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part No. P1J-5-FX16PA
Description  Pressure Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SENSATA [Sensata Technologies, Inc.]
Homepage  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

P1J-5-FX16PA Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  P1J-5-FX16PA Datasheet HTML 1Page - Sensata Technologies, Inc. P1J-5-FX16PA Datasheet HTML 2Page - Sensata Technologies, Inc. P1J-5-FX16PA Datasheet HTML 3Page - Sensata Technologies, Inc. P1J-5-FX16PA Datasheet HTML 4Page - Sensata Technologies, Inc. P1J-5-FX16PA Datasheet HTML 5Page - Sensata Technologies, Inc. P1J-5-FX16PA Datasheet HTML 6Page - Sensata Technologies, Inc. P1J-5-FX16PA Datasheet HTML 7Page - Sensata Technologies, Inc. P1J-5-FX16PA Datasheet HTML 8Page - Sensata Technologies, Inc. P1J-5-FX16PA Datasheet HTML 9Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.sensata.com
Page 2
Copyright © 2018 Sensata Technologies, Inc.
TECHNICAL SPECIFICATIONS
from 0 to...
2” H2O
5” H2O
10” H2O
+/- 2” mBar
+/- 5” mBar
from 0 to...
5mbar
12.5mbar
20mbar
+/- 5mbar
+/- 12.5 mbar
Proof Pressure Factor
1.0 PSI/
(70mbar)
1.0 PSI/
(70mbar)
1.0 PSI/
(70mbar)
1.0 PSI/
(70mbar)
1.0 PSI/
(70mbar)
Burst Pressure Factor
1.8 PSI/
(125mbar)
1.8 PSI/
(125mbar)
1.8 PSI/
(125mbar)
1.8 PSI/
(125mbar)
1.8 PSI/
(125mbar)
Pressure Ranges
Physical
Expected Operating Life
10 million full pressure life cycles
Shelf Life
10 years minimum
Stability
+/- 0.5% of full scale span for 1 year
Vibration
10 G’s peak to peak sinusoidal (20 to 1600Hz)
Shock Resistance
50 G’s ½ Sinewave, 11 mSec pulse, 18 pulses (6 per axis)
Weight
3.5g max.
Operating Temperature
-20°C to 85°C
Storage Temperature
-40°C to 85°C
Humidity
Up to 92% RH in a non-condensing environment
Media
Dry air
Performance
Accuracy
0.25% Max (% of full scale span) (RSS of linearity, hysteresis and repeatability)
Temp. Error
0.05%/ C [% of full scale span]
Temp. Error
5% full scale span within temperature range -20° to 0°C and 60° to 85°C 0 to 60°C
Electrical
Input Voltage Protection
-0.3 to 6 VDC on Vin PIN, -0.3 to Vs+0.3 on all other pins
Excitation Current
< 2.5mA
Minimum Load
25k Ohms between output and ground
Response Time
0.5 ms


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn