Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P1J-5-FX16PA Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part No. P1J-5-FX16PA
Description  Pressure Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SENSATA [Sensata Technologies, Inc.]
Homepage  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

P1J-5-FX16PA Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  P1J-5-FX16PA Datasheet HTML 1Page - Sensata Technologies, Inc. P1J-5-FX16PA Datasheet HTML 2Page - Sensata Technologies, Inc. P1J-5-FX16PA Datasheet HTML 3Page - Sensata Technologies, Inc. P1J-5-FX16PA Datasheet HTML 4Page - Sensata Technologies, Inc. P1J-5-FX16PA Datasheet HTML 5Page - Sensata Technologies, Inc. P1J-5-FX16PA Datasheet HTML 6Page - Sensata Technologies, Inc. P1J-5-FX16PA Datasheet HTML 7Page - Sensata Technologies, Inc. P1J-5-FX16PA Datasheet HTML 8Page - Sensata Technologies, Inc. P1J-5-FX16PA Datasheet HTML 9Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Page 1
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
| P1J
Pressure Sensor
Description
Features
• Compact Package
• Amplified Temperature Compensated Digital Output
• No Position Sensitivity above 0-2”H2O
• EMI/RFI and ESD Protected
• Superior Output Signal Stability
• Printed Circuit Board through Hole Mounting
The P1J series of pressure sensors incorporates a piezo-resistive sensing element in a compact package. Using a 2.7 to 5.5 VDC supply voltage, the P1J
provides a SPI or I2C digital output as required by your application. Internal temperature compensation provides and accurate, easy to use sensor. The
industry standard terminal pins provides ease of use for your printed circuit board designs.
Applications
• Variable Air Volume Systems
• Filter Pressure Monitoring
• Duct Air Flow
• Modulated Furnace Controls
• Combustion Airflow
• Gaseous Leak Detection
• Medical Applications:
Oxygen Concentrators, Ventilators, Anesthesia Equipment, CPAP,
Wound Therapy.
Pressure Ranges
2, 5, 10, +/-2, +/- 5, +/- 10 inches of water; 5, 12.5, 25, +/- 5, +/- 6, +/- 12.5, +/- 25 mbar
Electrical Connection
PCB thru hole terminal pins, 2.54 mm [.100 inch] pitch
Pressure Connection
Barbed port, 1.9[.08] diameter
Housing Material
PPS, 40% glass filled, black
Terminal Pin Material
Phosphor bronze, tin plated
Supply Voltage
2.7 to 5.5 VDC
Output Signal
14 Bit Digital Output Count – Digital count at null (0% FS): 1638
Digital count at full scale (100% FS) 14745
MAIN FEATURES


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn