Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P1J-5-FX16PA Datasheet(PDF) 7 Page - Sensata Technologies, Inc.

Part No. P1J-5-FX16PA
Description  Pressure Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SENSATA [Sensata Technologies, Inc.]
Homepage  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

P1J-5-FX16PA Datasheet(HTML) 7 Page - Sensata Technologies, Inc.

  P1J-5-FX16PA Datasheet HTML 1Page - Sensata Technologies, Inc. P1J-5-FX16PA Datasheet HTML 2Page - Sensata Technologies, Inc. P1J-5-FX16PA Datasheet HTML 3Page - Sensata Technologies, Inc. P1J-5-FX16PA Datasheet HTML 4Page - Sensata Technologies, Inc. P1J-5-FX16PA Datasheet HTML 5Page - Sensata Technologies, Inc. P1J-5-FX16PA Datasheet HTML 6Page - Sensata Technologies, Inc. P1J-5-FX16PA Datasheet HTML 7Page - Sensata Technologies, Inc. P1J-5-FX16PA Datasheet HTML 8Page - Sensata Technologies, Inc. P1J-5-FX16PA Datasheet HTML 9Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.sensata.com
Page 7
Copyright © 2018 Sensata Technologies, Inc.
SPI TIMING DIAGRAM
I2C/SPI DIAGNOSTIC FEATURES
The MISO line is setup to change state on the falling edge of the SCLK clock. Accordingly, the master should sample the data on the rising edge of the
SCLK signal.
The P1J offers a full suite of diagnostic features to ensure robust system operation. The diagnostic states are indicated by a transmission of the status
of the 2 MSBs of the bridge high byte data or by a saturated output at 3FFFH.
All diagnostics are detected in the next measurement cycle and reported in the subsequent data fetch. Once a diagnostic is reported, the diagnostic
status bits will not change unless both the cause of the diagnostic is fixed and a power-on-reset is performed.
Note
STATUS BITS (2 MSB’S OF OUTPUT PACKAGE)
DEFINITION
Signal resolution
12 Bits (11 bits minimum for 0-2” H2O and 0-5 mBar range)
Update rate
0.5 ms
Digital count at 0% pressure
1638 (10% of 214 counts or 0x666)
Digital count at 100% pressure
14746 (90% of 214 counts or 0x3999)
When the two MSBs are 11, one of the following faults listed below is indicated.
• Invalid EEPROM signature
• Loss of bridge positive or negative
• Bridge input short
• Loss of bridge source
• Loss of bridge sink


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn