Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P1J-5-DX16PA Datasheet(PDF) 8 Page - Sensata Technologies, Inc.

Part No. P1J-5-DX16PA
Description  Pressure Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SENSATA [Sensata Technologies, Inc.]
Homepage  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

P1J-5-DX16PA Datasheet(HTML) 8 Page - Sensata Technologies, Inc.

  P1J-5-DX16PA Datasheet HTML 1Page - Sensata Technologies, Inc. P1J-5-DX16PA Datasheet HTML 2Page - Sensata Technologies, Inc. P1J-5-DX16PA Datasheet HTML 3Page - Sensata Technologies, Inc. P1J-5-DX16PA Datasheet HTML 4Page - Sensata Technologies, Inc. P1J-5-DX16PA Datasheet HTML 5Page - Sensata Technologies, Inc. P1J-5-DX16PA Datasheet HTML 6Page - Sensata Technologies, Inc. P1J-5-DX16PA Datasheet HTML 7Page - Sensata Technologies, Inc. P1J-5-DX16PA Datasheet HTML 8Page - Sensata Technologies, Inc. P1J-5-DX16PA Datasheet HTML 9Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.sensata.com
Page 8
Copyright © 2018 Sensata Technologies, Inc.
ORDERING OPTIONS
Example : P1J-2-AX16PA
P1J Pressure sensor 0 -1” H20, I2C 28 Hex digital output, no internal material
seal, barbed tube fitting port with PCB Terminal Pin connection, no external
material seal.
Family
Pressure Ranges
Output Type
Seal Material
Pressure Connection
Built-in Connector
Seal Material
P1J
2:
2B:
5:
5B:
10:
10B:
5MB:
5MBB:
6MBB:
12.5MB:
12.5MBB:
25MB:
25MBB
0-2” H2O
+/- 2” H2O
0-5” H2O
+/- 5” H2O
0-10” H2O
+/- 10” H2O
0-5 mbar
+/- 5 mbar
+/- 6 mbar
0-12.5 mbar
+/-12.5 mbar
0-25 mbar
+/- 25 mbar
8: SPI
A: l2C, 28 HEX
B: l2C, 38 HEX
C: l2C, 48 HEX
D: l2C, 58 HEX
E: l2C, 68 HEX
F: l2C, 78 HEX
X: None
16: Barb or Tube Fitting
P: PCB Terminal Pins
A: None
P1J
2
A
X
16
P
A


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn