Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C3364NTF32B Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS7C3364NTF32B
Description  3.3V 64K x 32/36 Flowthrough Synchronous SRAM with NTD
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C3364NTF32B Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS7C3364NTF32B Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C3364NTF32B Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C3364NTF32B Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C3364NTF32B Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C3364NTF32B Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C3364NTF32B Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C3364NTF32B Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C3364NTF32B Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C3364NTF32B Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
®
AS7C3364NTF32B/36B
4/28/05, v 1.0
Alliance Semiconductor
P. 2 of 19
2 Mb Synchronous SRAM products list1,2
1 Core Power Supply: VDD = 3.3V + 0.165V
2 I/O Supply Voltage: VDDQ = 3.3V + 0.165V for 3.3V I/O
VDDQ = 2.5V + 0.125V for 2.5V I/O
3 Refer corresponding product datasheets for the latest information on Clock Speed and Clock Access Time availability.
PL-SCD
:
Pipelined Burst Synchronous SRAM - Single Cycle Deselect
PL-DCD
:
Pipelined Burst Synchronous SRAM - Double Cycle Deselect
FT
:
Flow-through Burst Synchronous SRAM
NTD1-PL
:
Pipelined Burst Synchronous SRAM with NTDTM
NTD-FT
:
Flow-through Burst Synchronous SRAM with NTDTM
Org
Part Number
Mode
Speed3
128KX18
AS7C33128PFS18B
PL-SCD
200/166/133 MHz
64KX32
AS7C3364PFS32B
PL-SCD
200/166/133 MHz
64KX36
AS7C3364PFS36B
PL-SCD
200/166/133 MHz
128KX18
AS7C33128PFD18B
PL-DCD
200/166/133 MHz
64KX32
AS7C3364PFD32B
PL-DCD
200/166/133 MHz
64KX36
AS7C3364PFD36B
PL-DCD
200/166/133 MHz
128KX18
AS7C33128FT18B
FT
6.5/7.5/8.0/10 ns
64KX32
AS7C3364FT32B
FT
6.5/7.5/8.0/10 ns
64KX36
AS7C3364FT36B
FT
6.5/7.5/8.0/10 ns
128KX18
AS7C33128NTD18B
NTD-PL
200/166/133 MHz
64KX32
AS7C3364NTD32B
NTD-PL
200/166/133 MHz
64KX36
AS7C3364NTD36B
NTD-PL
200/166/133 MHz
128KX18
AS7C33128NTF18B
NTD-FT
7.5/8.0/10 ns
64KX32
AS7C3364NTF32B
NTD-FT
7.5/8.0/10 ns
64KX36
AS7C3364NTF36B
NTD-FT
7.5/8.0/10 ns
1. NTD: No Turnaround Delay. NTDTM is a trademark of Alliance Semiconductor Corporation. All trademarks mentioned in this document are the property
of their respective owners.


Similar Part No. - AS7C3364NTF32B

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C3364NTD32B ALSC-AS7C3364NTD32B Datasheet
437Kb / 19P
   3.3V 64K x 32/36 Pipelined SRAM with NTD
AS7C3364NTD32B-133TQC ALSC-AS7C3364NTD32B-133TQC Datasheet
437Kb / 19P
   3.3V 64K x 32/36 Pipelined SRAM with NTD
AS7C3364NTD32B-133TQCN ALSC-AS7C3364NTD32B-133TQCN Datasheet
437Kb / 19P
   3.3V 64K x 32/36 Pipelined SRAM with NTD
AS7C3364NTD32B-133TQI ALSC-AS7C3364NTD32B-133TQI Datasheet
437Kb / 19P
   3.3V 64K x 32/36 Pipelined SRAM with NTD
AS7C3364NTD32B-133TQIN ALSC-AS7C3364NTD32B-133TQIN Datasheet
437Kb / 19P
   3.3V 64K x 32/36 Pipelined SRAM with NTD
More results

Similar Description - AS7C3364NTF32B

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33512NTF32A ALSC-AS7C33512NTF32A Datasheet
425Kb / 18P
   3.3V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C33128NTF32B ALSC-AS7C33128NTF32B Datasheet
416Kb / 18P
   3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C331MNTF32A ALSC-AS7C331MNTF32A Datasheet
416Kb / 18P
   3.3V 1M x 32/36 Flowthrough SRAM with NTD
AS7C25512NTF32A ALSC-AS7C25512NTF32A Datasheet
423Kb / 18P
   2.5V 512K x 32/36 Flowthrough Synchronous SRAM with NTD
AS7C33256NTF32A ALSC-AS7C33256NTF32A Datasheet
427Kb / 18P
   3.3V 256K x 2/36 Flowthrough Synchronous SRAM with NTD
AS7C3364NTD32B ALSC-AS7C3364NTD32B Datasheet
437Kb / 19P
   3.3V 64K x 32/36 Pipelined SRAM with NTD
AS7C251MNTF32A ALSC-AS7C251MNTF32A Datasheet
414Kb / 18P
   2.5V 1M x 32/36 Flowthrough SRAM with NTD
AS7C331MNTF18A ALSC-AS7C331MNTF18A Datasheet
424Kb / 18P
   3.3V 1M x 18 Flowthrough Synchronous SRAM with NTD
AS7C33256NTF18B ALSC-AS7C33256NTF18B Datasheet
427Kb / 18P
   3.3V 256K x 18 Flowthrough Synchronous SRAM with NTD
AS7C33512NTF18A ALSC-AS7C33512NTF18A Datasheet
425Kb / 18P
   3.3V 512K x 18 Flowthrough Synchronous SRAM with NTD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com