Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSS-351LA12R Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # DSS-351LA12R
Description  DIA SURGE SUPPRESSOR (DSS)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

DSS-351LA12R Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  DSS-351LA12R Datasheet HTML 1Page - Mitsubishi Electric Semiconductor DSS-351LA12R Datasheet HTML 2Page - Mitsubishi Electric Semiconductor DSS-351LA12R Datasheet HTML 3Page - Mitsubishi Electric Semiconductor DSS-351LA12R Datasheet HTML 4Page - Mitsubishi Electric Semiconductor DSS-351LA12R Datasheet HTML 5Page - Mitsubishi Electric Semiconductor DSS-351LA12R Datasheet HTML 6Page - Mitsubishi Electric Semiconductor DSS-351LA12R Datasheet HTML 7Page - Mitsubishi Electric Semiconductor DSS-351LA12R Datasheet HTML 8Page - Mitsubishi Electric Semiconductor DSS-351LA12R Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DSSV-YD Type
DSSV-T5 Type
DSSV
301
シリーズ名
直流放電開始電圧(Vs)
最初の2数字は電圧値の有効数字で
第3数字は乗数を表す。
YD
形状
L
直流放電開始電圧許容差
L
±15%
M
±20%
YD
横型 4端子
縦型 2端子
T5
単位:mm
Unit:mm
カラーコード
99
88
77
66
55
44
401M
33
301L
22
11
だいだい
00
製造ロット番号の10の桁 First digit of product Lot No. 製造ロット番号の1の桁 Second digit of product Lot No.
第三色帯
1
:FCC10/560μsec. 100A ±3times, 10/160μsec. 200A ±3times
2
:DOC 1cycle 10/1000μsec. 1KV-12times, 100/1000μsec. 1KV-12times respectively.
3
:UL Standard UL 497A File No. E131010(N)
シリーズ名
形  名
DSSV
DSSV-401M-T5
DSSV-301L-T5
DSSV-401M-YD
DSSV-301L-YD
UL 497A 3
UL
規格認定品
直流放電開始電圧
DC spark-over
voltage
Vs
絶縁抵抗
Insulation
resistance
IR
静電容量
Electrostatic
capacitance
1kHz-6V max.
C
400V
(320∼480)
300V
(255∼345)
100M
Ωmin.
2pF max.
サージ寿命
Surge life
test
DOC1
サイクル 2)
400V
(320∼480)
300V
(255∼345)
DSSV-201M-YD
200V
(160∼240)
DC 250V
DC 100V
DC 250V
DC 100V
300A
400A
FCC
サイクル 1)
サージ耐量
Surge current
capacity
8/20µsec.
上面
正面
側面
9.0
±0.5
10.0
±0.5
5.0
±0.5
側面
1
42
3
底面
10.5
±0.5
4.0
±1.0
φ0.7±0.1
0.5
±0.1
5.0
±0.5
形名
ロゴ
Lot No.
DSSV-301L-YD
MMCC E5D
12
φ0.8±0.1
0.5
±0.1
5.0
±0.5
18.0
±0.5
12.5
±0.5
19.5
±0.5
4.0
±0.5
MMCC
■形状・寸法
■特性
■形名構成
DSSVシリーズ
■特長
■マーキング
●電話機、モデム、FAX 等電話回線に接続される機器のサージ対策及び過電
 圧対策(UL1459、CSA-22.2 No.225-M90)に使用できます。
Series
DC Spark-over
voltage(Vs)
The first two digits are significant,
and the third is number of zeros.
Shape
DC Spark-over
voltage tolerance
4Terminal
2Terminal
Color code
White
Gray
Purple
Blue
Green
Yellow
Orange
Red
Brown
Black
形名 Part number
第一色帯 First color band
第二色帯 Second color band
Third color band
Series
Part number
UL recognized
DOC 1cycle 2)
FCC cycle 1)
Top view
Front view
Side view
Side view
Bottom view
Part number
Trade mark
Dimensions
Characteristics
Part number system
DSSV Series
■Features
●Protects telephone line equipment (telephone, modem, facsimile etc.)
against surge and overvoltage (UL1459, CSA-22.2 No. 225-M90).
Marking
15


Similar Part No. - DSS-351LA12R

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DSS-313 MACOM-DSS-313 Datasheet
106Kb / 2P
   Two-Way Power Divider 10 - 2000 MHz
logo
M/A-COM Technology Solu...
DSS-313 MA-COM-DSS-313 Datasheet
73Kb / 3P
   Two-Way Power Divider, 10 - 2000 MHz
DSS-313 MA-COM-DSS-313 Datasheet
528Kb / 4P
   Two-Way Power Divider
DSS-313PIN MA-COM-DSS-313PIN Datasheet
73Kb / 3P
   Two-Way Power Divider, 10 - 2000 MHz
logo
Tyco Electronics
DSS-327 MACOM-DSS-327 Datasheet
63Kb / 1P
   Surface Mount Two-Way Power Divider 5 - 1000 MHz
More results

Similar Description - DSS-351LA12R

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_11 Datasheet
807Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA_07 Datasheet
81Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA Datasheet
118Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
logo
Shindengen Electric Mfg...
KP20NU11 SHINDENGEN-KP20NU11 Datasheet
201Kb / 4P
   Thyristor Surge Suppressor
logo
Guangdong Juxing Electr...
TB120S JUXING-TB120S Datasheet
1Mb / 4P
   SURGE SUPPRESSOR BRIDGE
logo
Shindengen Electric Mfg...
KU10NU11 SHINDENGEN-KU10NU11 Datasheet
143Kb / 4P
   THYRISTOR Surge suppressor
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_12 Datasheet
808Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP_SM PROTEC-PP_SM_15 Datasheet
534Kb / 10P
   THYRISTOR SURGE SUPPRESSOR
logo
Guangdong Juxing Electr...
TB120B JUXING-TB120B Datasheet
1Mb / 4P
   SURGE SUPPRESSOR BRIDGE
logo
Protek Devices
RV120-30 PROTEC-RV120-30 Datasheet
113Kb / 1P
   120V RV SURGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com