Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCSESU083FN0 Datasheet(PDF) 1 Page - Schneider Electric

Part No. TCSESU083FN0
Description  Ethernet TCP/IP switch - ConneXium - 8 ports for copper
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TCSESU083FN0 Datasheet(HTML) 1 Page - Schneider Electric

  TCSESU083FN0 Datasheet HTML 1Page - Schneider Electric TCSESU083FN0 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Jun 12, 2018
1
Product data sheet
Characteristics
TCSESU083FN0
Ethernet TCP/IP switch - ConneXium - 8 ports for
copper
Main
Range of product
ConneXium
Product or component type
Ethernet TCP/IP unmanaged switch
Concept
Transparent Ready
Communication port protocol
Ethernet TCP/IP
Port Ethernet
10BASE-T/100BASE-TX - 8 port(s) copper cable
Maximum number of switches in
cascade
Unlimited
Complementary
Integrated connection type
Shielded RJ45 copper cable
Transmission support medium
Twisted shielded pairs cable CAT 5E for copper cable
Cable distance between devices
100 m copper cable
Ethernet service
Automatic negotiation of 10/100 Mbit/s and duplex mode
Auto MDI/MDX
Automatic change of polarity
Storage and re-routing of received data
[Us] rated supply voltage
24 V
Supply voltage limits
9.6...32 V DC SELV
Power consumption in W
4.1 W
Electrical connection
Removable connector 3 ways power supply
Mounting support
35 mm symmetrical DIN rail
Marking
CE
Local signalling
1 LED power supply
1 LED per channel copper port activity
1 LED per channel 10 or 100 Mbit/s data rate
Ethernet cabling system
TF switches
Width
35 mm
Height
138 mm
Depth
121 mm
Product weight
0.246 kg
Environment
Ambient air temperature for operation
0...60 °C


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn