Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9509K Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC9509K
Description  Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9509K Datasheet(HTML) 7 Page - Torex Semiconductor

  XC9509K Datasheet HTML 1Page - Torex Semiconductor XC9509K Datasheet HTML 2Page - Torex Semiconductor XC9509K Datasheet HTML 3Page - Torex Semiconductor XC9509K Datasheet HTML 4Page - Torex Semiconductor XC9509K Datasheet HTML 5Page - Torex Semiconductor XC9509K Datasheet HTML 6Page - Torex Semiconductor XC9509K Datasheet HTML 7Page - Torex Semiconductor XC9509K Datasheet HTML 8Page - Torex Semiconductor XC9509K Datasheet HTML 9Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel plus Voltage Detector
" TYPICAL APPLICATION CIRCUIT
CIN
: 4.7
µF (ceramic, TAIYO-YUDEN)
CL1
: 10
µF (ceramic, TAIYO-YUDEN)
CL2
:
1
µF (ceramic, TAIYO-YUDEN), VROUT>1.5V
: 2.2
µF (ceramic, TAIYO-YUDEN), VROUT<1.5V
" OPERATIONAL EXPLANATION
% DC/DC Converter
< Reference Voltage Source >
The reference voltage source provides the reference voltage to ensure stable output voltage of the DC/DC converter.
< Ramp Wave Circuit >
< Error Amplifier >
< PWM/PFM >
XC9509 Series
L
The XC9509 series consists of a synchronous step-down DC/DC converter, a high speed LDO voltage regulator, and a voltage detector.
FOSC
4.7
µH (CDRH4D28C, SUMIDA)
10
µH (CDRH4D28C, SUMIDA)
22
µH (CDRH4D28C, SUMIDA)
1.2MHz
600kHz
300kHz
The error amplifier is designed to monitor output voltage. The amplifier compares the reference voltage with the feedback voltage divided by the
internal split resistors. When a voltage lower than the reference voltage is fed back, the output voltage of the error amplifier increases. The gain
and frequency characteristics of the error amplifier output are fixed internally to deliver an optimized signal to the mixer.
The ramp wave circuit determines switching frequency. The frequency is fixed internally and can be selected from 300kHz, 600 kHz and 1.2
MHz. Clock pulses generated in this circuit are used to produce ramp waveforms needed for PWM operation, and to synchronize all the internal
circuits.
MSOP-10
(TOP VIEW)
The series consists of a reference voltage source, ramp wave circuit, error amplifier, PWM comparator, phase compensation circuit, output
voltage adjustment resistors, driver transistor, synchronous switch, current limiter circuit, U.V.L.O. circuit and others. The series ICs compare,
using the error amplifier, the voltage of the internal voltage reference source with the feedback voltage from the VOUT pin through split
resistors. Phase compensation is performed on the resulting error amplifier output, to input a signal to the PWM comparator to determine the
turn-on time during PWM operation. The PWM comparator compares, in terms of voltage level, the signal from the error amplifier with the ramp
wave from the ramp wave circuit, and delivers the resulting output to the buffer driver circuit to cause the Lx pin to output a switching duty cycle.
This process is continuously performed to ensure stable output voltage. The current feedback circuit monitors the P-channel MOS driver
transistor current for each switching operation, and modulates the error amplifier output signal to provide multiple feedback signals. This
enables a stable feedback loop even when a low ESR capacitor, such as a ceramic capacitor, is used, ensuring stable output voltage.
The PWM mode of the XC9509A to F series are controlled on a specified frequency from light loads through the heavy loads. Since the
frequency is specified, the composition of a noise filter etc. becomes easy. However, the efficiency at the time of the light load may become
low. The XC9509H to L series can switch in any timing between PWM control and PWM/PFM automatic switching control. The series can not
control only PFM mode. If needed, the operation can be set on a specified frequency; therefore, the control of the noise etc. is possible and the
high efficiency at the time of the light load during PFM control mode is possible. With the automatic PWM/PFM switching control function, the
series ICs are automatically switched from PWM control to PFM control mode under light load conditions. If during light load conditions the coil
current becomes discontinuous and on-time rate falls lower than 30%, the PFM circuit operates to output a pulse with 30% of a fixed on-time
rate from the Lx pin. During PFM operation with this fixed on-time rate, pulses are generated at different frequencies according to conditions of
the moment. This causes a reduction in the number of switching operations per unit of time, resulting in efficiency improvement under light load
conditions. However, since pulse output frequency is not constant, consideration should be given if a noise filter or the like is needed.
Necessary conditions for switching to PFM operation depend on input voltage, load current, coil value and other factors.
Semiconductor Ltd.
LX
DCOUT
VROUT
MODE
AGND
PGND
CE
PVDD
AVDD
1
CL2
L
CL1
SD
2
3
4
5
6
7
8
9
10
CIN2
VDOUT
VROUT
DCOUT
CIN1
Data Sheet
7


Similar Part No. - XC9509K

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9509K033AL TOREX-XC9509K033AL Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9509K033AR TOREX-XC9509K033AR Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9509K033DL TOREX-XC9509K033DL Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9509K033DR TOREX-XC9509K033DR Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9509K036AL TOREX-XC9509K036AL Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
More results

Similar Description - XC9509K

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9511 TOREX-XC9511 Datasheet
171Kb / 13P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9511 TOREX-XC9511_1 Datasheet
3Mb / 35P
   Synchronous Step-Down DC/DC Converter with built-in LDO Regulator in parallel plus Voltage Detector
XC9509 TOREX-XC9509_1 Datasheet
3Mb / 41P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Parallel Plus Voltage Detector
XC9510 TOREX-XC9510_1 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator plus Voltage Detector
XC9510 TOREX-XC9510_2 Datasheet
2Mb / 36P
   Synchronous Step-Down DC/DC Converter With Built-In LDO Regulator Plus Voltage Detector
XC9508 TOREX-XC9508_1 Datasheet
2Mb / 38P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator in Series Plus Voltage Detector
XC9510 TOREX-XC9510 Datasheet
116Kb / 9P
   Synchronous Step-Down DC/DC Converter with Built-In LDO Regulator In Series plus Voltage Detector
XC9248 TOREX-XC9248 Datasheet
571Kb / 21P
   18V Driver Transistor Built-In Synchronous Step-Down DC/DC Converter
XC9254R TOREX-XC9254R Datasheet
207Kb / 17P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com