Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS32GMTS800 Datasheet(PDF) 2 Page - Transcend Information. Inc.

Part No. TS32GMTS800
Description  SATA III M.2 SSDs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS32GMTS800 Datasheet(HTML) 2 Page - Transcend Information. Inc.

  TS32GMTS800 Datasheet HTML 1Page - Transcend Information. Inc. TS32GMTS800 Datasheet HTML 2Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
80.0 mm x 22.0 mm x 3.58 mm (3.15" x 0.87" x 0.14")
9 g (0.32 oz)
M.2
2280-D2-B-M
Appearance
Dimensions
Weight
Form Factor
M.2 Type
Specications
Tel: +886-2-2792-8000
www.transcend-info.com
Please feel free to contact us with any special requests you might have.
Due to the complexity and variety of industrial applications, Transcend cannot guarantee 100% compatibility with all platforms and under all scenarios. For special applications and environments, it is
strongly suggested that you contact Transcend beforehand for clarication.
Product specications are subject to change without notice. Pictures shown may di er from actual products. When used as a storage capacity unit, one terabyte (TB) = one trillion bytes. Total accessible
capacity varies depending on operating environment.
MLC NAND ash
16 GB/32 GB/64 GB/128 GB/256 GB/512 GB/1 TB
SATA III 6Gb/s
3.3V±5%
Standard: 0°C (32°F) ~ 70°C (158°F)
Wide Temp.: -40°C (-40°F) ~ 85°C (185°F)
-40°C (-40°F) ~ 85°C (185°F)
0% ~ 95%
1500 G, 0.5 ms, 3 axis
20 G (peak-to-peak), 7 Hz ~ 2000 Hz (frequency)
Operating Environment
Storage
Flash Type
Capacity
Interface
Bus Interface
Operating Voltage
Operating Temperature
Storage Temperature
Humidity
Shock
Vibration
© Transcend Information, Inc. All Rights Reserved.
www.transcend-info.com
2.64 watt(s)
0.41 watt(s)
Read: 530 MB/s; write: 460 MB/s
Read: 75,000 IOPS; write: 75,000 IOPS
2,500,000 hour(s)
2,360 TBW
2.6 (3 yrs)
CE/FCC/BSMI
Three-year Limited Warranty
Performance
Power
Power Consumption (Operation)
Power Consumption (Sleep)
Sequential Read/Write (CrystalDiskMark, max.)
4K Random Read/Write (IOmeter, max.)
Mean Time Between Failures (MTBF)
Terabytes Written (Max.)
Drive Writes Per Day (DWPD)
Certicate
Warranty
Note
Mechanical Dimensions
Speed may vary due to host hardware, software, usage, and storage capacity.
The workload used to rate DWPD may be di erent from your actual workload, which may vary due to host hardware, software,
usage, and storage capacity.
Min 5.20mm
Min 4.00mm
Max 3.58mm
11.0mm
22.0 0.15mm
_+
80.0 0.15mm
_+
Warranty


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn