Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3310B6F Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP3310B6F
Description  High Performance, Constant Current Switching Regulator For 8PCS White LED In Series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3310B6F Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

  LP3310B6F Datasheet HTML 1Page - Lowpower Semiconductor inc LP3310B6F Datasheet HTML 2Page - Lowpower Semiconductor inc LP3310B6F Datasheet HTML 3Page - Lowpower Semiconductor inc LP3310B6F Datasheet HTML 4Page - Lowpower Semiconductor inc LP3310B6F Datasheet HTML 5Page - Lowpower Semiconductor inc LP3310B6F Datasheet HTML 6Page - Lowpower Semiconductor inc LP3310B6F Datasheet HTML 7Page - Lowpower Semiconductor inc LP3310B6F Datasheet HTML 8Page - Lowpower Semiconductor inc LP3310B6F Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LP3310-00
Jan.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 7 of 9
Preliminary Datasheet
LP3310
Layout Consideration
For best performance of the LP3310, the following
guidelines must be strictly followed.
Input and Output capacitors should be placed
close to the IC and connected to ground plane to
reduce noise coupling.
The GND and Exposed Pad should be
connected to a strong ground plane for heat
sinking and noise protection.
Keep the main current traces as possible as
short and wide.
LX node of DC-DC converter is with high
frequency voltage swing. It should be kept at a
small area.
Place the feedback components as close as
possible to the IC and keep away from the noisy
devices.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum operation junction temperature. The
maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of
surroundings airflow and temperature difference
between junction to ambient.
The maximum power dissipation can be calculated
by following formula:
PD(MAX) = ( TJ(MAX) - TA ) / qJA
Where TJ(MAX) is the maximum operation junction
temperature. TA is the ambient temperature and the
qJA is the junction to ambient thermal resistance.


Similar Part No. - LP3310B6F

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3311 POWER-LP3311 Datasheet
510Kb / 8P
   1.3MHzFixed-Frequency PWM Operation
LP3311S POWER-LP3311S Datasheet
963Kb / 7P
   1MHz Fixed-Frequency PWM Operation
LP3312 POWER-LP3312 Datasheet
383Kb / 7P
   High Efficiency: 90percent
LP3315 POWER-LP3315 Datasheet
424Kb / 8P
   1.2MHzFixed-Frequency PWM Operation
LP3316 POWER-LP3316 Datasheet
544Kb / 8P
   1.2MHzFixed-Frequency PWM Operation
More results

Similar Description - LP3310B6F

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3303 POWER-LP3303 Datasheet
375Kb / 7P
   High Performance, Constant Current Switching Regulator For 9PCS White LED
logo
Richtek Technology Corp...
RT9284A RICHTEK-RT9284A Datasheet
261Kb / 14P
   Tiny Package, High Performance, Constant Current Switching Regulator for White LED
logo
Kingbor Technology Co
KB4312 KINGBOR-KB4312 Datasheet
181Kb / 9P
   Tiny Package, High Performance, Constant Current Switching Regulator for White LED
logo
Feeling Technology Corp...
FP7201 FEELING-FP7201 Datasheet
770Kb / 14P
   Constant Current Switching Regulator for White LED
FP7103 FEELING-FP7103 Datasheet
633Kb / 12P
   28V, 3A Buck Constant Current Switching Regulator for White LED
FP7102 FEELING-FP7102 Datasheet
394Kb / 12P
   28V, 2A Buck Constant Current Switching Regulator for White LED
logo
uPI Group Inc.
UP6003 UPI-UP6003 Datasheet
152Kb / 11P
   Tiny Package, High Performance, Constant Current Switching Regulator
logo
Lowpower Semiconductor ...
LP3320 POWER-LP3320 Datasheet
384Kb / 9P
   High Performance, Constant Current Switching
logo
Diodes Incorporated
BCR420UW6Q DIODES-BCR420UW6Q Datasheet
687Kb / 13P
   LINEAR LED CONSTANT CURRENT REGULATOR IN SOT26
BCR421UW6Q DIODES-BCR421UW6Q Datasheet
536Kb / 11P
   Linear LED Constant Current Regulator in SOT26
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com