Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE5851 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MJE5851
Description  PNP SILICON POWER TRANSISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE5851 Datasheet(HTML) 7 Page - ON Semiconductor

  MJE5851 Datasheet HTML 1Page - ON Semiconductor MJE5851 Datasheet HTML 2Page - ON Semiconductor MJE5851 Datasheet HTML 3Page - ON Semiconductor MJE5851 Datasheet HTML 4Page - ON Semiconductor MJE5851 Datasheet HTML 5Page - ON Semiconductor MJE5851 Datasheet HTML 6Page - ON Semiconductor MJE5851 Datasheet HTML 7Page - ON Semiconductor MJE5851 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MJE5850 MJE5851 MJE5852
7
Motorola Bipolar Power Transistor Device Data
PACKAGE DIMENSIONS
CASE 221A–06
TO–220AB
ISSUE Y
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION Z DEFINES A ZONE WHERE ALL
BODY AND LEAD IRREGULARITIES ARE
ALLOWED.
STYLE 1:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.570
0.620
14.48
15.75
B
0.380
0.405
9.66
10.28
C
0.160
0.190
4.07
4.82
D
0.025
0.035
0.64
0.88
F
0.142
0.147
3.61
3.73
G
0.095
0.105
2.42
2.66
H
0.110
0.155
2.80
3.93
J
0.018
0.025
0.46
0.64
K
0.500
0.562
12.70
14.27
L
0.045
0.060
1.15
1.52
N
0.190
0.210
4.83
5.33
Q
0.100
0.120
2.54
3.04
R
0.080
0.110
2.04
2.79
S
0.045
0.055
1.15
1.39
T
0.235
0.255
5.97
6.47
U
0.000
0.050
0.00
1.27
V
0.045
–––
1.15
–––
Z
–––
0.080
–––
2.04
B
Q
H
Z
L
V
G
N
A
K
F
1
2 3
4
D
SEATING
PLANE
–T–
C
S
T
U
R
J


Similar Part No. - MJE5851

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE5851 MOTOROLA-MJE5851 Datasheet
302Kb / 8P
   8 AMPERE PNP SILICON POWER TRANSISTORS 300- 350- 400 VOLTS 80 WATTS
logo
ON Semiconductor
MJE5851 ONSEMI-MJE5851 Datasheet
104Kb / 8P
   8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
logo
New Jersey Semi-Conduct...
MJE5851 NJSEMI-MJE5851 Datasheet
114Kb / 3P
   SWITCHMODE Series PNP Silicon Power Transistors
logo
ON Semiconductor
MJE5851G ONSEMI-MJE5851G Datasheet
104Kb / 8P
   8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
MJE5851G ONSEMI-MJE5851G Datasheet
104Kb / 8P
   Switch-mode Series PNP Silicon Power Transistors
January, 2015 ??Rev. 7
More results

Similar Description - MJE5851

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com