Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRIS-F6456S Datasheet(PDF) 7 Page - International Rectifier

Part No. IRIS-F6456S
Description  INTEGRATED SWITCHER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRIS-F6456S Datasheet(HTML) 7 Page - International Rectifier

  IRIS-F6456S Datasheet HTML 1Page - International Rectifier IRIS-F6456S Datasheet HTML 2Page - International Rectifier IRIS-F6456S Datasheet HTML 3Page - International Rectifier IRIS-F6456S Datasheet HTML 4Page - International Rectifier IRIS-F6456S Datasheet HTML 5Page - International Rectifier IRIS-F6456S Datasheet HTML 6Page - International Rectifier IRIS-F6456S Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.irf.com
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC FAX: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Case Outline
0
0
0
0.
.
.
.5
5
5
5
0
0
0
0.
.
.
.5
5
5
5
5
5
5
5
4
4
4
4
3
3
3
3
2
2
2
2
1
1
1
1
±
±
±
±0000....2222
1
1
1
15
5
5
5.
.
.
.6
6
6
6
2
2
2
2-
-
-
-(
(
(
(R
R
R
R1
1
1
1.
.
.
.3
3
3
3)
)
)
)
R
R
R
R-
-
-
-e
e
e
en
n
n
nd
d
d
d
R
R
R
R-
-
-
-e
e
e
en
n
n
nd
d
d
d
±
±
±
±0000....7777
4
4
4
4.
.
.
.5
5
5
5
±
±
±
±0000....1111
3
3
3
3.
.
.
.3
3
3
35
5
5
5
-
-
-
-0
0
0
0.
.
.
.1
1
1
1
+
+
+
+0
0
0
0.
.
.
.2
2
2
2
0
0
0
0.
.
.
.6
6
6
65
5
5
5
±
±
±
±0000....2222
3
3
3
3.
.
.
.4
4
4
45
5
5
5
±
±
±
±0000....2222
5
5
5
5.
.
.
.5
5
5
5
I
II
IR
RR
R
I
II
IR
RR
RI
II
IS
SS
S
-
-
-
-0
0
0
0.
.
.
.1
1
1
1
+
+
+
+0
0
0
0.
.
.
.2
2
2
2
1
1
1
1.
.
.
.3
3
3
35
5
5
5
±
±
±
±0000....2222
φ
φ
φ
φ3333....2222
-
-
-
-0
0
0
0.
.
.
.1
1
1
1
+
+
+
+0
0
0
0.
.
.
.2
2
2
2
0
0
0
0.
.
.
.8
8
8
85
5
5
5
-
-
-
-0
0
0
0.
.
.
.1
1
1
1
+
+
+
+0
0
0
0.
.
.
.2
2
2
2
1
1
1
1.
.
.
.7
7
7
75
5
5
5
4444xxxxPPPP2222....55554444±
±
±
±0000....1111====((((11110000....11116666))))
a:Type Number F6456S
b:Lot Number
1st letter:The last digit of year
2nd letter:Month
1 to 9 for Jan. to Sept.,
O for Oct. N for Nov. D for
Dec.
3rd & 4th letter:Day
Arabic Numerals
5th letter : Registration Symbol
Weight : Approx. 7.5g
Dimensions in mm
DWG.No.:4B-E01515A
Material of Pin : Cu
Treatment of Pin : Ni plating + solder dip
IRIS-F6456S
a
b


Similar Part No. - IRIS-F6456S

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
IRIS-F6454R IRF-IRIS-F6454R Datasheet
275Kb / 7P
   INTEGRATED SWITCHER
More results

Similar Description - IRIS-F6456S

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
IRIS-G5624A IRF-IRIS-G5624A_1 Datasheet
269Kb / 7P
   INTEGRATED SWITCHER
IRIS-G6351S IRF-IRIS-G6351S Datasheet
272Kb / 7P
   INTEGRATED SWITCHER
IRISA6131 IRF-IRISA6131 Datasheet
396Kb / 7P
   INTEGRATED SWITCHER
IRIS-W6753 IRF-IRIS-W6753 Datasheet
241Kb / 8P
   INTEGRATED SWITCHER
IRIS-G6624 IRF-IRIS-G6624 Datasheet
277Kb / 7P
   INTEGRATED SWITCHER
IRIS-A6151 IRF-IRIS-A6151 Datasheet
394Kb / 7P
   INTEGRATED SWITCHER
IRIS4007 IRF-IRIS4007 Datasheet
62Kb / 6P
   INTEGRATED SWITCHER
IRIS4011 IRF-IRIS4011 Datasheet
62Kb / 6P
   INTEGRATED SWITCHER
IRIS4009 IRF-IRIS4009 Datasheet
58Kb / 6P
   INTEGRATED SWITCHER
IRLSG5653 IRF-IRLSG5653 Datasheet
271Kb / 7P
   INTEGRATED SWITCHER
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz