Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSJ4N65 Datasheet(PDF) 8 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Part # DSJ4N65
Description  4A 650V N-channel Super Junction Power MOSFET ?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WXDH [Jiangsu Donghai Semiconductor Technology Co.,Ltd]
Direct Link  http://www.jswxdh.cn
Logo WXDH - Jiangsu Donghai Semiconductor Technology Co.,Ltd

DSJ4N65 Datasheet(HTML) 8 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Back Button DSJ4N65 Datasheet HTML 3Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd DSJ4N65 Datasheet HTML 4Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd DSJ4N65 Datasheet HTML 5Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd DSJ4N65 Datasheet HTML 6Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd DSJ4N65 Datasheet HTML 7Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd DSJ4N65 Datasheet HTML 8Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd DSJ4N65 Datasheet HTML 9Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd DSJ4N65 Datasheet HTML 10Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd DSJ4N65 Datasheet HTML 11Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ROUM Semiconductor Technology CO.,LTD.
Rev. 1.0
www.roum.cn
Page 8 of 11
ISJ4N65
9
Dimensions


Similar Part No. - DSJ4N65

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
DSJ4N65 WXDH-DSJ4N65 Datasheet
1Mb / 11P
   4A 650V N-channel Super Junction Power MOSFET ?
DSJ4N65 WXDH-DSJ4N65 Datasheet
1Mb / 11P
   4A 650V N-channel Super Junction Power MOSFET ?
DSJ4N65 WXDH-DSJ4N65 Datasheet
1Mb / 11P
   4A 650V N-channel Super Junction Power MOSFET ?
DSJ4N65 WXDH-DSJ4N65 Datasheet
1Mb / 11P
   4A 650V N-channel Super Junction Power MOSFET ?
DSJ4N65 WXDH-DSJ4N65 Datasheet
1Mb / 11P
   4A 650V N-channel Super Junction Power MOSFET ?
More results

Similar Description - DSJ4N65

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
BSJ4N65 WXDH-BSJ4N65 Datasheet
1Mb / 11P
   4A 650V N-channel Super Junction Power MOSFET ?
SJ4N65 WXDH-SJ4N65 Datasheet
1Mb / 11P
   4A 650V N-channel Super Junction Power MOSFET ?
ESJ4N65 WXDH-ESJ4N65 Datasheet
1Mb / 11P
   4A 650V N-channel Super Junction Power MOSFET ?
DSJ4N65 WXDH-DSJ4N65 Datasheet
1Mb / 11P
   4A 650V N-channel Super Junction Power MOSFET ?
FSJ4N65 WXDH-FSJ4N65 Datasheet
1Mb / 11P
   4A 650V N-channel Super Junction Power MOSFET ?
logo
Will Semiconductor Ltd.
WCR1K2N65 WILLSEMI-WCR1K2N65 Datasheet
1Mb / 9P
   650V N-Channel Super Junction MOSFET
WCR250N65 WILLSEMI-WCR250N65 Datasheet
1Mb / 8P
   650V N-Channel Super Junction MOSFET
logo
SemiHow Co.,Ltd.
HCP12NK65V SEMIHOW-HCP12NK65V Datasheet
398Kb / 8P
   650V N-Channel Super Junction MOSFET
HCS12NK65V SEMIHOW-HCS12NK65V Datasheet
423Kb / 7P
   650V N-Channel Super Junction MOSFET
logo
Pan Jit International I...
PJMF130N65EC PANJIT-PJMF130N65EC Datasheet
567Kb / 7P
   650V N-Channel Super Junction MOSFET
October 15,2021 PJMF130N65EC-REV.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com