Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10N60 Datasheet(PDF) 11 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Part # 10N60
Description  10A 600V N-channel Enhancement Mode Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WXDH [Jiangsu Donghai Semiconductor Technology Co.,Ltd]
Direct Link  http://www.jswxdh.cn
Logo WXDH - Jiangsu Donghai Semiconductor Technology Co.,Ltd

10N60 Datasheet(HTML) 11 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Back Button 10N60 Datasheet HTML 3Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 10N60 Datasheet HTML 4Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 10N60 Datasheet HTML 5Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 10N60 Datasheet HTML 6Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 10N60 Datasheet HTML 7Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 10N60 Datasheet HTML 8Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 10N60 Datasheet HTML 9Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 10N60 Datasheet HTML 10Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 10N60 Datasheet HTML 11Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ROUM Semiconductor Technology CO.,LTD.
Rev. 1.0
www.roum.cn
Page 11 of 11
E10N60
10
Attentions
ROUM Semiconductor Technology CO.,LTD. reserves the right to change the specification without prior
notice! The customer should obtain the latest version of the information before making the order and verify
that the information is complete and up to date.
It is the responsibility of the purchaser for any failure or failure of any semiconductor product under certain
conditions. It is the responsibility of the purchaser to comply with safety standards and to take safety
measures in the system design and machine manufacturing of Roma products in order to avoid potential risk
of failure. Injury or property damage.
Product promotion is endless, our company will be dedicated to provide customers with better products.
11
Appendix
Revision history:
Date
REV.
Description
Page
2017.04.01
1.0
Original


Similar Part No. - 10N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N60 UTC-10N60 Datasheet
232Kb / 9P
   10 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
logo
Jiangsu Donghai Semicon...
10N60 WXDH-10N60 Datasheet
976Kb / 11P
   10A 600V N-channel Enhancement Mode Power MOSFET
logo
Unisonic Technologies
10N60 UTC-10N60 Datasheet
330Kb / 8P
   10 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
logo
Jiangsu Donghai Semicon...
10N60 WXDH-10N60 Datasheet
963Kb / 11P
   10A 600V N-channel Enhancement Mode Power MOSFET
logo
Unisonic Technologies
10N60 UTC-10N60 Datasheet
398Kb / 8P
   10A, 600V N-CHANNEL POWER MOSFET
More results

Similar Description - 10N60

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
I10N60 WXDH-I10N60 Datasheet
963Kb / 11P
   10A 600V N-channel Enhancement Mode Power MOSFET
F10N60 WXDH-F10N60 Datasheet
964Kb / 11P
   10A 600V N-channel Enhancement Mode Power MOSFET
10N60 WXDH-10N60 Datasheet
976Kb / 11P
   10A 600V N-channel Enhancement Mode Power MOSFET
10N65 WXDH-10N65 Datasheet
1Mb / 10P
   10A 650V N-channel Enhancement Mode Power MOSFET
740 WXDH-740 Datasheet
1Mb / 12P
   10A 400V N-channel Enhancement Mode Power MOSFET
F10N65 WXDH-F10N65 Datasheet
1Mb / 10P
   10A 650V N-channel Enhancement Mode Power MOSFET
I10N65 WXDH-I10N65 Datasheet
1Mb / 10P
   10A 650V N-channel Enhancement Mode Power MOSFET
DH10N40 WXDH-DH10N40 Datasheet
1Mb / 12P
   10A 400V N-channel Enhancement Mode Power MOSFET
E10N65 WXDH-E10N65 Datasheet
1Mb / 10P
   10A 650V N-channel Enhancement Mode Power MOSFET
logo
Nanjing International G...
NJ10N60 DGNJDZ-NJ10N60 Datasheet
860Kb / 7P
   10A 600V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com