Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10N60 Datasheet(PDF) 1 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Part # 10N60
Description  10A 600V N-channel Enhancement Mode Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WXDH [Jiangsu Donghai Semiconductor Technology Co.,Ltd]
Direct Link  http://www.jswxdh.cn
Logo WXDH - Jiangsu Donghai Semiconductor Technology Co.,Ltd

10N60 Datasheet(HTML) 1 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

  10N60 Datasheet HTML 1Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 10N60 Datasheet HTML 2Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 10N60 Datasheet HTML 3Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 10N60 Datasheet HTML 4Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 10N60 Datasheet HTML 5Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 10N60 Datasheet HTML 6Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 10N60 Datasheet HTML 7Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 10N60 Datasheet HTML 8Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 10N60 Datasheet HTML 9Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ROUM Semiconductor Technology CO.,LTD.
Rev. 1.0
www.roum.cn
Page 1 of 11
E10N60
1
Description
These silicon N-channel Enhanced VDMOSFETs, is obtained by
the self-aligned planar technology which reduce the conduction
loss, improve switching performance and enhance the avalanche
energy. Which accords with the RoHS standard.
2
Features
● Fast Switching
● Low ON Resistance(Rdson≤0.9Ω)
● Low Gate Charge(Typical Data:32nC)
● Low Reverse Transfer Capacitances(Typical:7.5pF)
● 100% Single Pulse Avalanche Energy Test
● 100% ΔV
DS Test
3
Applications
● Used in Various Power Switching Circuit for System
Miniaturization and Higher Efficiency.
● Power Switch Circuit of Adaptor and Charger.
10A 600V N-channel Enhancement Mode Power MOSFET
4
Electrical Characteristics
4.1 Absolute Maximum Rating (Tc=25℃,unless otherwise noted)
Parameter
Symbol
Value
Units
Maximum Drian-Source DC Voltage
VDS
600
V
Maximum Gate-Drain Voltage
VGS
±30
V
Drain Current(continuous)
ID(T=25℃)
(T=100℃)
10
A
6.3
A
Drain Current(Pulsed)
(Note 1)
IDM
40
A
Single Pulse Avalanche Energy
(Note 5)
EAS
580
mJ
Peak Diode Recovery dv/dt
(Note 6)
dv/dt
5
V/ns
Total Dissipation
Ta=25℃
Ptot
2
W
TC=25℃
Ptot
130
W
Junction Temperature
Tj
150
Storage Temperature
Tstg
-55~150
Maximum Temperature for soldering
TL
300
VDSS = 600V
RDS(on)TYP)= 0.68Ω
ID = 10A
TO-263
1
2
3
4
5
6
7
8
A
B
C
D
8
7
6
5
4
3
2
1
D
C
B
A
Ti t le
N u m b er
R ev i s io n
Si ze
D
D ate:
1 0 -A p r-2 0 1 7
Sh eet
o f
Fi l e:
D :\ Pr og ram Fi l es \p ro tel 99 s e\文件夹\ W X D H
D raw n B y :
3
1
2
G
S
D


Similar Part No. - 10N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N60 UTC-10N60 Datasheet
232Kb / 9P
   10 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
logo
Jiangsu Donghai Semicon...
10N60 WXDH-10N60 Datasheet
976Kb / 11P
   10A 600V N-channel Enhancement Mode Power MOSFET
logo
Unisonic Technologies
10N60 UTC-10N60 Datasheet
330Kb / 8P
   10 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
logo
Jiangsu Donghai Semicon...
10N60 WXDH-10N60 Datasheet
963Kb / 11P
   10A 600V N-channel Enhancement Mode Power MOSFET
logo
Unisonic Technologies
10N60 UTC-10N60 Datasheet
398Kb / 8P
   10A, 600V N-CHANNEL POWER MOSFET
More results

Similar Description - 10N60

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
I10N60 WXDH-I10N60 Datasheet
963Kb / 11P
   10A 600V N-channel Enhancement Mode Power MOSFET
F10N60 WXDH-F10N60 Datasheet
964Kb / 11P
   10A 600V N-channel Enhancement Mode Power MOSFET
10N60 WXDH-10N60 Datasheet
976Kb / 11P
   10A 600V N-channel Enhancement Mode Power MOSFET
10N65 WXDH-10N65 Datasheet
1Mb / 10P
   10A 650V N-channel Enhancement Mode Power MOSFET
740 WXDH-740 Datasheet
1Mb / 12P
   10A 400V N-channel Enhancement Mode Power MOSFET
F10N65 WXDH-F10N65 Datasheet
1Mb / 10P
   10A 650V N-channel Enhancement Mode Power MOSFET
I10N65 WXDH-I10N65 Datasheet
1Mb / 10P
   10A 650V N-channel Enhancement Mode Power MOSFET
DH10N40 WXDH-DH10N40 Datasheet
1Mb / 12P
   10A 400V N-channel Enhancement Mode Power MOSFET
E10N65 WXDH-E10N65 Datasheet
1Mb / 10P
   10A 650V N-channel Enhancement Mode Power MOSFET
logo
Nanjing International G...
NJ10N60 DGNJDZ-NJ10N60 Datasheet
860Kb / 7P
   10A 600V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com