Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BP35C0 Datasheet(PDF) 21 Page - Rohm

Part # BP35C0
Description  Assembly using a printed circuit board
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BP35C0 Datasheet(HTML) 21 Page - Rohm

Back Button BP35C0 Datasheet HTML 15Page - Rohm BP35C0 Datasheet HTML 16Page - Rohm BP35C0 Datasheet HTML 17Page - Rohm BP35C0 Datasheet HTML 18Page - Rohm BP35C0 Datasheet HTML 19Page - Rohm BP35C0 Datasheet HTML 20Page - Rohm BP35C0 Datasheet HTML 21Page - Rohm BP35C0 Datasheet HTML 22Page - Rohm BP35C0 Datasheet HTML 23Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
BP35C0 Hardware Specification
2018-10-29
20. Product Mass
1.5 g
21. Precautions for Use
1)
This product allows the reflow process only once.
(with ROHM’s recommended reflow condition)
During the reflow process, the solder inside the product may be re-fused or re-melt.
Please note this and pay special attention.
2)
If this product is laid neglected, it will absorb moisture from the surrounding environment.
Please keep this product with below mentioned condition, and reflow mount it within 72 hours of
opening the laminated bag.
<Store condition>
Temperature: 5 °C~40 °C
Relative Humidity: 50±10 %RH
3)
If storage in the desiccator where is humidity under the recommended values, please do enough static
provision.
4)
Please use after baking process with following conditions when it passed 72 hours after opening;
・Baking condition: Single type: 125 °C, 24 hours, up to once
5)
When a mounter is used to place this product, its recognition should be taken with the reverse side (pad)
of product. It is not recommended to use the dimensions of product for recognition as its tolerance is big.
6)
There are cases where lot numbers are different in the same reel.
7)
There are cases where serial numbers are not in sequence in the same reel.
8)
About soldering parts of mounting on this product, presence of soldering fillet does not be asked.
9)
With respect to a label affixed to this Product, defects other than “peeling”, “sticking-out”, and “extreme
defect in character recognition” are overlooked.
10) This module is assumed to be mounted on glass epoxy PCB.
If the module is mounted on other materials such as ceramic, be sure to evaluate it sufficiently.
11) RF-SW (pin 27, ANT terminal) which is mounted inside the module is a product very weak to static
electricity on the specification. Please use it after doing the countermeasure against static electricity
enough.
12) Please note that it is likely to come off when the stress joins the shield case.
13) Use this product without cleaning residue of flux.
14) About wireless communication
1. Wireless communication may be unstable due to radio wave environment and communication environment,
does not guarantee 100 % data transfer, ROHM assumes absolutely no responsibility even if data is missing.
2. UDP does not provide for the arrival of consecutive packets and data arrival is not guaranteed.
3. Please fully verify with customers before installing this product in customer's set and doing full-scale
operation.
4. ROHM assumes no responsibility for any damage or malfunction caused by data interception, loss, theft,
leakage to a third party.
5. For customers who are verifying points relating to specific communication, please introduce SK Catcher, a prod-
uct of Skyley Networks Inc. As a rule, support of the contents related to communication is prerequisite to notify
about SK Catcher log and SK Catcher product ID number.
21/23


Similar Part No. - BP35C0

ManufacturerPart #DatasheetDescription
logo
Rohm
BP35C0-J11 ROHM-BP35C0-J11 Datasheet
2Mb / 33P
   Wi-SUN Enhanced HAN
Version 1.0.0
More results

Similar Description - BP35C0

ManufacturerPart #DatasheetDescription
logo
Rohm
BP35A1 ROHM-BP35A1 Datasheet
619Kb / 22P
   Assembly using a printed circuit board
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
   Printed Circuit Board
logo
Semikron International
SKPC22-2 SEMIKRON-SKPC22-2 Datasheet
437Kb / 3P
   PRINTED CIRCUIT BOARD
logo
PHOENIX CONTACT
1805517 PHOENIX-1805517 Datasheet
71Kb / 4P
   Printed-circuit board connector
logo
Omron Electronics LLC
E3S-LS3N OMRON-E3S-LS3N Datasheet
93Kb / 2P
   Printed Circuit Board Sensor
logo
List of Unclassifed Man...
BK-1 ETC2-BK-1 Datasheet
80Kb / 2P
   Printed Circuit Board Fuses
logo
HY ELECTRONIC CORP.
GBU2006F HY-GBU2006F Datasheet
39Kb / 2P
   Ideal for printed circuit board
GBJ2006F HY-GBJ2006F Datasheet
49Kb / 2P
   Ideal for printed circuit board
GBU406L HY-GBU406L Datasheet
50Kb / 2P
   Ideal for printed circuit board
GBU606F HY-GBU606F Datasheet
47Kb / 2P
   Ideal for printed circuit board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com