Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BP35A1 Datasheet(PDF) 14 Page - Rohm

Part # BP35A1
Description  Assembly using a printed circuit board
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BP35A1 Datasheet(HTML) 14 Page - Rohm

Back Button BP35A1 Datasheet HTML 10Page - Rohm BP35A1 Datasheet HTML 11Page - Rohm BP35A1 Datasheet HTML 12Page - Rohm BP35A1 Datasheet HTML 13Page - Rohm BP35A1 Datasheet HTML 14Page - Rohm BP35A1 Datasheet HTML 15Page - Rohm BP35A1 Datasheet HTML 16Page - Rohm BP35A1 Datasheet HTML 17Page - Rohm BP35A1 Datasheet HTML 18Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
BP35A1 Hardware Specification
2018-10-29
13. Setting of Communication Time Limit and Carrier Sensing Time
This Product has acquired the Technical Regulations Conformity Certification with the settings listed in the table
below. The Products are not allowed to be used with any setting outside the setting range listed below.
Unit Channel
Number
Data rate setting
(Number of channels
to use at a time)
Carrier sensing
time
Transmission
time limit
Pause time
Total of transmis-
sion time per hour
33-61
100 kbps (n2)
148 μs or more
(Sensing at all
times)
200 ms or less
per transmission
2 ms or
more
360 s or less
14/22


Similar Part No. - BP35A1

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BP35-005 FRONTIER-BP35-005 Datasheet
183Kb / 2P
   35A HIGH CURRENT SILICON BRIDGE RECTIFIERS
BP35-005F FRONTIER-BP35-005F Datasheet
123Kb / 2P
   35A HIGH CURRENT SILICON BRIDGE RECTIFIERS
BP35-005G FRONTIER-BP35-005G Datasheet
129Kb / 2P
   35A HIGH CURRENT SILICON BRIDGE RECTIFIERS
BP35-005L FRONTIER-BP35-005L Datasheet
124Kb / 2P
   35A HIGH CURRENT BRIDGE RECTIFIERS
BP35-005L-LFR FRONTIER-BP35-005L-LFR Datasheet
124Kb / 2P
   35A HIGH CURRENT BRIDGE RECTIFIERS
More results

Similar Description - BP35A1

ManufacturerPart #DatasheetDescription
logo
Rohm
BP35C0 ROHM-BP35C0 Datasheet
1,010Kb / 23P
   Assembly using a printed circuit board
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
   Printed Circuit Board
logo
Semikron International
SKPC22-2 SEMIKRON-SKPC22-2 Datasheet
437Kb / 3P
   PRINTED CIRCUIT BOARD
logo
PHOENIX CONTACT
1805517 PHOENIX-1805517 Datasheet
71Kb / 4P
   Printed-circuit board connector
logo
Omron Electronics LLC
E3S-LS3N OMRON-E3S-LS3N Datasheet
93Kb / 2P
   Printed Circuit Board Sensor
logo
List of Unclassifed Man...
BK-1 ETC2-BK-1 Datasheet
80Kb / 2P
   Printed Circuit Board Fuses
logo
HY ELECTRONIC CORP.
GBU2006F HY-GBU2006F Datasheet
39Kb / 2P
   Ideal for printed circuit board
GBJ2006F HY-GBJ2006F Datasheet
49Kb / 2P
   Ideal for printed circuit board
GBU406L HY-GBU406L Datasheet
50Kb / 2P
   Ideal for printed circuit board
GBU606F HY-GBU606F Datasheet
47Kb / 2P
   Ideal for printed circuit board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com