Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MJE4343 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MJE4343
Description  POWER TRANSISTORS COMPLEMENTARY SILICON
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MJE4343 Datasheet(HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MJE4343 MJE4353
3
Motorola Bipolar Power Transistor Device Data
5.0
IC, COLLECTOR CURRENT (AMP)
0.5
3.0
2.0
1.0
Figure 4. Turn–Off Time
0.7
0.2
0.5 0.7
5.0
2.0
0.3
1.0
3.0
20
10
7.0
TJ = 25°C
IC/IB = 10
IB1 = IB2
VCE = 30 V
ts
tf
2.0
0.2
IC, COLLECTOR CURRENT (AMP)
20
1.6
1.2
0.8
0.4
0
10
7.0
0.3
0.7
0.5
2.0
1.0
5.0
3.0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = 2.0 V
Figure 5. On Voltages
TYPICAL CHARACTERISTICS
1000
0.2
IC, COLLECTOR CURRENT (AMPS)
20
100
50
20
10
10
0.5
2.0
1.0
5.0
VCE = 2 V
Figure 6. MJE4340 Series (NPN)
TJ = 150°C
25
°C
–55
°C
1000
0.2
IC, COLLECTOR CURRENT (AMPS)
20
100
10
10
0.5
2.0
1.0
5.0
Figure 7. MJE4350 Series (PNP)
2.0
0.05
IB, BASE CURRENT (AMP)
5.0
1.2
0
3.0
0.1
0.3
0.2
0.5
Figure 8. Collector Saturation Region
1.6
0.8
0.4
0.07
0.7
1.0
2.0
TJ = 25°C
IC = 4.0 A
8.0 A
16 A
VCE = 2 V
TJ = 150°C
25
°C
–55
°C
VCE = 2 V
TJ = 150°C
25
°C
–55
°C
DC CURRENT GAIN


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn