Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCS0011-50 Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Part # LCS0011-50
Description  Current Sense Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCS0011-50 Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  LCS0011-50 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LinkCom Manufacturing Co.,Ltd
Rev.B
LCS EE5 Series
Current Sense Transformers
RoHS Compliant
Operating Temperature -40°C to +125°C
500Vrms isolation between windings
Frequency up to 1MHz
10A typical rated current on primary (up to 20A)
Electrical Specifications @25℃
Part Number
Code
Turns Ratio
Pri. : Sec.
Secondary
Inductance
Min.(µH)
DCR
Volt-time
product on Sec.
Max.(V-µsec)
Terminating
Resistance
(1VSec./20APri.)
(Ω)
Pri.
Ref.(mΩ).
Sec.
Max.(Ω)
LCS0007-50
020
1:20
81
7
0.40
10.8
1.00
LCS0008-50
030
1:30
180
7
0.87
16.2
1.50
LCS0009-50
040
1:40
320
7
1.14
21.6
2.00
LCS0010-50
050
1:50
500
7
1.50
27.0
2.50
LCS0011-50
060
1:60
730
7
1.98
32.4
3.00
LCS0012-50
070
1:70
980
7
4.75
37.8
3.50
LCS0013-50
100
1:100
2000
7
5.50
54.0
5.00
LCS0015-50
125
1:125
3000
7
7.00
67.5
6.25
Dimensions
(Units:
Inches
mm
, Unless otherwise specified, all tolerances are ±
.010
0.25
)
Schematic
Mark
Code----Number of turns on secondary
7
8
3
1
TOP VIEW
SUGGESTED PAD LAYOUT
CODE
.320
8.13Max.
.118
3.00
.051
1.30
0.004/0.10
.245
6.22Max.
.235
5.97
Max.
.209
5.30
Max.
.315
8.00Max.
.106
2.70
.098
2.50
.047
1.20
.063
1.60
.051
1.30
.073
1.85
.023
0.60
.073
1.85
PIN1
1
3
4
6
7
8
A
B
C
D
E


Similar Part No. - LCS0011-50

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LCS0027-50 LINKCOM-LCS0027-50 Datasheet
71Kb / 1P
   Current Sense Transformers
LCS0028-50 LINKCOM-LCS0028-50 Datasheet
71Kb / 1P
   Current Sense Transformers
LCS0029-50 LINKCOM-LCS0029-50 Datasheet
71Kb / 1P
   Current Sense Transformers
LCS0030-50 LINKCOM-LCS0030-50 Datasheet
71Kb / 1P
   Current Sense Transformers
LCS0031-50 LINKCOM-LCS0031-50 Datasheet
71Kb / 1P
   Current Sense Transformers
More results

Similar Description - LCS0011-50

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3108G-XXX PCA-EPC3108G-XXX_15 Datasheet
25Kb / 1P
   Current Sense Transformers
logo
TRIAD MAGNETICS
CST306-3A TRIAD-CST306-3A Datasheet
85Kb / 1P
   Current Sense Transformers
logo
Coilcraft lnc.
CS4050V-01L COILCRAFT-CS4050V-01L_15 Datasheet
255Kb / 1P
   Current Sense Transformers
logo
PCA ELECTRONICS INC.
EPC3108G-125 PCA-EPC3108G-125_07 Datasheet
25Kb / 1P
   Current Sense Transformers
logo
TRIAD MAGNETICS
CST206-1T TRIAD-CST206-1T Datasheet
86Kb / 1P
   Current Sense Transformers
CST206-3A TRIAD-CST206-3A Datasheet
85Kb / 1P
   Current Sense Transformers
logo
Coilcraft lnc.
CST7030 COILCRAFT-CST7030 Datasheet
173Kb / 2P
   Current Sense Transformers
CST2010 COILCRAFT-CST2010 Datasheet
182Kb / 2P
   Current Sense Transformers
logo
PCA ELECTRONICS INC.
EP151XXX PCA-EP151XXX_15 Datasheet
22Kb / 1P
   Current Sense Transformers
logo
TRIAD MAGNETICS
CST-1025 TRIAD-CST-1025 Datasheet
86Kb / 1P
   Current Sense Transformers
logo
Coilcraft lnc.
CST4835 COILCRAFT-CST4835 Datasheet
273Kb / 2P
   Current Sense Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com