Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PUMB14 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PUMB14
Description  PNP/PNP resistor-equipped transistors; R1 = 47 kohm, R2 = open
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUMB14 Datasheet(HTML) 4 Page - NXP Semiconductors

  PUMB14 Datasheet HTML 1Page - NXP Semiconductors PUMB14 Datasheet HTML 2Page - NXP Semiconductors PUMB14 Datasheet HTML 3Page - NXP Semiconductors PUMB14 Datasheet HTML 4Page - NXP Semiconductors PUMB14 Datasheet HTML 5Page - NXP Semiconductors PUMB14 Datasheet HTML 6Page - NXP Semiconductors PUMB14 Datasheet HTML 7Page - NXP Semiconductors PUMB14 Datasheet HTML 8Page - NXP Semiconductors PUMB14 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
9397 750 14405
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 17 February 2005
4 of 10
Philips Semiconductors
PEMB14; PUMB14
PNP/PNP resistor-equipped transistors; R1 = 47 k
Ω, R2 = open
7.
Characteristics
Table 8:
Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
ICBO
collector-base cut-off
current
VCB = −50 V; IE = 0 A
-
-
−100
nA
ICEO
collector-emitter
cut-off current
VCE = −30 V; IB = 0 A
-
-
−1
µA
VCE = −30 V; IB = 0 A;
Tj = 150 °C
--
−50
µA
IEBO
emitter-base cut-off
current
VEB = −5 V; IC = 0 A
-
-
−100
nA
hFE
DC current gain
VCE = −5 V; IC = −1 mA
100
-
-
VCEsat
collector-emitter
saturation voltage
IC = −10 mA; IB = −0.5 mA
-
-
−150
mV
R1
bias resistor 1 (input)
33
47
61
k
Cc
collector capacitance
VCB = −10 V; IE = ie = 0 A;
f=1MHz
-
-
2.5
pF
VCE = −5 V
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −40 °C
IC/IB = 20
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −40 °C
Fig 1.
DC current gain as a function of collector
current; typical values
Fig 2.
Collector-emitter saturation voltage as a
function of collector current; typical values
006aaa206
100
1000
hFE
10
IC (mA)
−10−1
−102
−10
−1
(1)
(2)
(3)
006aaa207
IC (mA)
−10−1
−102
−10
−1
−10−1
−1
VCEsat
(V)
−10−2
(1)
(2)
(3)


Similar Part No. - PUMB14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMB14 PHILIPS-PUMB14 Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PUMB14 NXP-PUMB14 Datasheet
71Kb / 10P
   PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open
Rev. 02-31 August 2009
logo
Nexperia B.V. All right...
PUMB14 NEXPERIA-PUMB14 Datasheet
186Kb / 11P
   PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open
Rev. 02 - 31 August 2009
More results

Similar Description - PUMB14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB13 PHILIPS-PEMB13 Datasheet
60Kb / 8P
   PNP/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2004 Apr 15
PDTA124X PHILIPS-PDTA124X Datasheet
93Kb / 14P
   PNP resistor-equipped transistors; R1 = 22 kohm, R2 = 47 kohm
2004 Aug 04
PDTA114Y PHILIPS-PDTA114Y Datasheet
92Kb / 14P
   PNP resistor-equipped transistors; R1 = 10 kOHM, R2 = 47 kOHM
2004 Aug 02
PEMD10 PHILIPS-PEMD10 Datasheet
47Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm, R2 = 47 kohm
2001 Sep 11
PEMD9 PHILIPS-PEMD9 Datasheet
67Kb / 12P
   NPN/PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 47 kohm
2001 Oct 22
PUMD13 PHILIPS-PUMD13 Datasheet
56Kb / 8P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 kOHM, R2 = 47 kOHM
2003 Oct 08
PEMD13 PHILIPS-PEMD13 Datasheet
67Kb / 12P
   NPN/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm
2001 Sep 11
PDTA143T PHILIPS-PDTA143T Datasheet
89Kb / 14P
   PNP resistor-equipped transistors: R1 = 4.7 KOHM, R2 = open
2004 Aug 04
PDTA114T PHILIPS-PDTA114T Datasheet
91Kb / 14P
   PNP resistor-equipped transistors; R1 = 10 kOHM, R2 = open
2004 Aug 02
PEMB2 PHILIPS-PEMB2 Datasheet
53Kb / 8P
   PNP resistor-equipped double transistor R1 = 47 kohm, R2 = 47 kohm
2001 Sep 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com