Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX5545G0055V6T2E2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # FX5545G0055V6T2E2
Description  Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FX5545G0055V6T2E2 Datasheet(HTML) 1 Page - Vishay Siliconix

  FX5545G0055V6T2E2 Datasheet HTML 1Page - Vishay Siliconix FX5545G0055V6T2E2 Datasheet HTML 2Page - Vishay Siliconix FX5545G0055V6T2E2 Datasheet HTML 3Page - Vishay Siliconix FX5545G0055V6T2E2 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 10112
For technical questions, contact FunctionPAK@vishay.com
For marketing questions, contact FunctionPAK.marketing@vishay.com
www.vishay.com
Revision: 21-Jan-05
11
FX5545G005
Vishay
Industry Smallest and Low Profile
5W 1.5A DC/DC Buck Converter
with High Output Power Density
FEATURES
• Fully integrated DC/DC converter
• High efficiency over large load range
• 100% duty cycle
• Power density - more than 100W/inch3
• 1µA shutdown current
• 2.7V to 6V input range (1 Li+ and 3-cell NiCd or NiMH cells)
• 1.35V to 4.5V* output voltage
• Programmable PWM/PSM controls
• Low output ripple
• BGA/LGA construction
• Temperature range: - 40°C to + 85°C
• Output power 5W
• Maximum current 1.5A
• No external components needed
• Low profile
*Note: For higher output voltage please consult factory at
FunctionPAK@Vishay.com
The
DC/DC
converter
is
a
programmable
topology
synchronized Buck converter for today’s continous changing
portable electronic market. The DC/DC converter provides
flexibility of utilizing various battery configurations and
chemistries such as NiCd, NiMH, or Li+ with an input voltage
range of 2.7V to 6V. An additional flexibility is provided with
topology programmability to power multiple loads such as
power amplifiers, microcontrollers, or baseband logic IC’s.
For ultra-high efficiency, converters are designed to operate
in synchronous rectified PWM mode under full load while
transforming into externally controlled pulse-skipping mode
(PSM) under light load.
The DC/DC converter is available in 20-ports BGA/LGA
package.
In
order
to
satisfy
the
stringent
ambient
temperature requirements, the DC/DC converter is designed
to handle the industrial temperature range of - 40°C to +
85°C.
APPLICATION
• Point of Load (POL) applications such as drivers for
FPGA’s, microprocessors, DSP’s amplifiers, etc.
• Cordless phones, PDAs and others
• Supply voltage source for low-voltage chip sets
• Portable computers
• Battery back-up supplies
• Cameras
• Routers
• Fiber optics
• LANS
• Image processing
ORDERING INFORMATION
FX
5545
G005
FUNCTION
SIZE
CIRCUIT IDENTIFIER
OUTPUT VOLTAGE - Example: 2.7V should be written as 2V7 as the V indicates the decimal point,
or ADJ for adjustable version - self selectable output voltage.
PACKAGING - B1 = 10pcs in bulk; B5 = 50pcs in bulk; T1 = 13” reel; T2 = 7” reel.
For lead (Pb)-free solder please add E2 suffix.


Similar Part No. - FX5545G0055V6T2E2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FX5545G006 VISHAY-FX5545G006 Datasheet
526Kb / 7P
   Industry Smallest and Low Profile 9W 1.5A DC/DC Boost Converter with High Output Power Density
Revision: 18-Jan-05
FX5545G0062V7B1 VISHAY-FX5545G0062V7B1 Datasheet
526Kb / 7P
   Industry Smallest and Low Profile 9W 1.5A DC/DC Boost Converter with High Output Power Density
Revision: 18-Jan-05
FX5545G0062V7B1E2 VISHAY-FX5545G0062V7B1E2 Datasheet
526Kb / 7P
   Industry Smallest and Low Profile 9W 1.5A DC/DC Boost Converter with High Output Power Density
Revision: 18-Jan-05
FX5545G0062V7B5 VISHAY-FX5545G0062V7B5 Datasheet
526Kb / 7P
   Industry Smallest and Low Profile 9W 1.5A DC/DC Boost Converter with High Output Power Density
Revision: 18-Jan-05
FX5545G0062V7B5E2 VISHAY-FX5545G0062V7B5E2 Datasheet
526Kb / 7P
   Industry Smallest and Low Profile 9W 1.5A DC/DC Boost Converter with High Output Power Density
Revision: 18-Jan-05
More results

Similar Description - FX5545G0055V6T2E2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FX5545G402 VISHAY-FX5545G402 Datasheet
160Kb / 4P
   Industry Smallest and Low Profile 5W 1A DC/DC Boost Converter with High Output Density Power
Revision 13-Mar-03
FX5545G006 VISHAY-FX5545G006 Datasheet
526Kb / 7P
   Industry Smallest and Low Profile 9W 1.5A DC/DC Boost Converter with High Output Power Density
Revision: 18-Jan-05
FX5545G305 VISHAY-FX5545G305 Datasheet
185Kb / 4P
   Industry Smallest and Low Profile 10W 3.0A DC/DC Buck Converter with High Output Power Density
Revision: 21-Jan-05
FX5545G201 VISHAY-FX5545G201 Datasheet
264Kb / 4P
   Industry Smallest and Low Profile 3W 1000mA DC/DC Buck Converter with High Output Power Density
Revision 14-Jun-04
FX5545G105 VISHAY-FX5545G105 Datasheet
191Kb / 4P
   Industry Smallest and Low Profile 6.5W 2.0A DC/DC Buck Converter with High Output Power Density
Revision: 21-Jan-05
FX5545G2013V3T2 VISHAY-FX5545G2013V3T2 Datasheet
322Kb / 5P
   Industry Smallest and Low Profile 3W 1000mA DC/DC Buck Converter with High Output Power Density
Revision: 22-Apr-09
FX5545G106 VISHAY-FX5545G106 Datasheet
556Kb / 8P
   Industry Smallest and Low Profile 12W 2A DC/DC Boost Converter with High Output Power Density
Revision: 19-Jan-05
FX5545G206 VISHAY-FX5545G206 Datasheet
634Kb / 8P
   Industry Smallest and Low Profile 15W, 2.5A DC/DC Boost Converter with High Output Power Density
Revision: 21-Jan-05
logo
Altera Corporation
EN5319QI ALTERA-EN5319QI Datasheet
856Kb / 20P
   1.5A PowerSoC Low Profile Synchronous Buck DC-DC Converter with Integrated Inductor
logo
Minmax Technology Co., ...
MSKW2000 MINMAX-MSKW2000_12 Datasheet
284Kb / 5P
   DC/DC CONVERTER 5W, SMD Package with Industry Standard Pinout
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com