Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP30-241.8SE Datasheet(PDF) 3 Page - Recom International Power

Part # RP30-241.8SE
Description  20 Watt Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP30-241.8SE Datasheet(HTML) 3 Page - Recom International Power

  RP30-241.8SE Datasheet HTML 1Page - Recom International Power RP30-241.8SE Datasheet HTML 2Page - Recom International Power RP30-241.8SE Datasheet HTML 3Page - Recom International Power RP30-241.8SE Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
242
www.recom-international.com
April-2005
Specifications (typical at nominal input and 25°C unless otherwise noted)
POWERLINE
DC/DC-Converter
RP30-S_DE
Series
Output Power
30W max.
Output Voltage Accuracy (full Load and nominal Vin)
±1%
Voltage Adjustability
±10%
Minimum Load
Single & Dual
0%
Line Regulation (LL-HL at full load)
Single
±0.2%
Dual
±0.5%
Load Regulation (25% to 100% FL)
Single
±0.5%
Dual
±1%
Cross Regulation (Note 9)
±5%
Ripple and Noise (20MHz bandwith)
Single 1.5, 1.8, 2.5, 3.3, 5V
50mVp-p
(Measured with a 1004pF/50V MLCC)
Single 12, 15V
75mVp-p
Dual 5, 12, 15V
100mVp-p
Temperature Coefficient
±0.02%/°C, max.
Transient Response (25% load step change)
300µS
Over Voltage Protection
1.5, 1.8, 2.5, 3.3V
3.9V
Zener diode clamp (only single)
5V
6.2V
12V
15V
15V
18V
Over Load Protection (% of full load at nominal Vin)
150% typ
Short Circuit Protection
Hiccup, automatic recovery
Efficiency
see „Selection Guide“ table
Isolation Voltage
1.600VDC min.
Isolation Resistance
109
Ω min.
Isolation Capacitance
1000pF max.
Operating Frequency
300kHz typ.
Approved to Safety Standards
UL 1950, EN60950
Operating Temperature Range
-40°C to +85°C(with derating)
Maximum Case Temperature
+100°C
Storage Temperature Range
-55°C to +105°C
Over Temperature Protection
115°C typ.
Thermal Impedance
Natural convection
10°C/Watt
Natural convection with Heat Sink
8.24°C/Watt
Thermal Shock
MIL-STD-810D
Vibration
10-55Hz, 2G, 30 Min. along X, Y and Z
Relative Humidity
5% to 95% RH
Case Material
Nickel-Coated copper
Base Material
Non-conductive black plastic
Potting Material
Epoxy (UL94-V0)
Conducted Emissions
EN55022
Class A
Radiated Emissions
EN55022
Class A
ESD
EN61000-4-2
Perf. Criteria 2
Radiated Immunity
EN61000-4-3
Perf. Criteria 2
Fast Transient
EN61000-4-4
Perf. Criteria 2
Surge
EN61000-4-5
Perf. Criteria 2
Conducted Immunity
EN61000-4-6
Perf. Criteria 2
continued on next page


Similar Part No. - RP30-241.8SE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-241.8SE RECOM-RP30-241.8SE Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-241.8SEW RECOM-RP30-241.8SEW Datasheet
273Kb / 3P
   POWERLINE - DC/DC - CONVERTER
RP30-241.8SEW RECOM-RP30-241.8SEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
RP30-241.8SEW RECOM-RP30-241.8SEW Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-241.8SEWN RECOM-RP30-241.8SEWN Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
More results

Similar Description - RP30-241.8SE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20-A RECOM-RP20-A Datasheet
519Kb / 9P
   20 Watt Single & Dual Output
RP20-243.3SEW RECOM-RP20-243.3SEW_06 Datasheet
93Kb / 4P
   20 Watt Single & Dual Output
RPP20-W RECOM-RPP20-W Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
RP20-AW RECOM-RP20-AW Datasheet
474Kb / 7P
   20 Watt Single & Dual Output
RP20-F RECOM-RP20-F Datasheet
489Kb / 8P
   20 Watt Single & Dual Output
RP20-FW RECOM-RP20-FW Datasheet
467Kb / 7P
   20 Watt Single & Dual Output
RP20-2433SEW RECOM-RP20-2433SEW Datasheet
96Kb / 4P
   20 Watt Single & Dual Output
RP20-AW RECOM-RP20-AW_17 Datasheet
472Kb / 7P
   20 Watt Single & Dual Output
RAC20-S-D-TA RECOM-RAC20-S-D-TA Datasheet
84Kb / 2P
   20 Watt Single/Dual & Triple Output
REC20-243.4SZ RECOM-REC20-243.4SZ Datasheet
317Kb / 6P
   20 Watt Single and Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com