Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5300UE Datasheet(PDF) 2 Page - Belden Inc.

Part # 5300UE
Description  Security & Sound, 2 Conductor 18 AWG, BC, Unshielded, CMR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

5300UE Datasheet(HTML) 2 Page - Belden Inc.

  5300UE Datasheet HTML 1Page - Belden Inc. 5300UE Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Environmental Suitability:
Indoor - Riser, Indoor
Flammability / Fire Resistance:
UL1666 Riser, FT4, IEC 60332-1-2
NEC / UL Compliance:
Article 800, CMR
CEC / C(UL) Compliance:
CMG
CPR Euroclass:
Eca
European Directive Compliance: EU CE Mark, EU Directive 2015/863/EU, EU Directive 2011/65/EU (ROHS II), EU Directive 2012/19/EU (WEEE)
APAC Compliance:
China RoHS II (GB/T 26572-2011)
Plenum Number:
6300UE
History
Update and Revision:
Revision Number: 0.319 Revision Date: 08-12-2020
© 2020 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.


Similar Part No. - 5300UE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5300UH BELDEN-5300UH Datasheet
152Kb / 3P
   Security & Sound, 2 Conductor 18 AWG, TC, Riser
11-09-2022
5300UH-0081000 BELDEN-5300UH-0081000 Datasheet
152Kb / 3P
   Security & Sound, 2 Conductor 18 AWG, TC, Riser
11-09-2022
5300UH-008U1000 BELDEN-5300UH-008U1000 Datasheet
152Kb / 3P
   Security & Sound, 2 Conductor 18 AWG, TC, Riser
11-09-2022
5300UH-009U1000 BELDEN-5300UH-009U1000 Datasheet
152Kb / 3P
   Security & Sound, 2 Conductor 18 AWG, TC, Riser
11-09-2022
5300UH-0101000 BELDEN-5300UH-0101000 Datasheet
152Kb / 3P
   Security & Sound, 2 Conductor 18 AWG, TC, Riser
11-09-2022
More results

Similar Description - 5300UE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5000UE BELDEN-5000UE Datasheet
266Kb / 2P
   Security & Sound, 2 Conductor 12 AWG, BC, Unshielded, CMR
5300FE BELDEN-5300FE Datasheet
149Kb / 2P
   Security & Sound, 2 Conductor 18 AWG, BC, Shielded, CMR
04-13-2023
5301UE BELDEN-5301UE Datasheet
176Kb / 2P
   Security & Sound, 3 Conductor 18 AWG, BC, CMR
04-28-2023
5401UE BELDEN-5401UE Datasheet
169Kb / 2P
   Security & Sound, 3 Conductor 20 AWG, BC, Unshielded, CMR
12-20-2022
5400UE BELDEN-5400UE Datasheet
145Kb / 2P
   Security & Sound, 2 Conductor 20 AWG, BC, CMR
05-01-2023
5200UE BELDEN-5200UE Datasheet
149Kb / 2P
   Security & Sound, 2 Conductor 16 AWG, BC, CMR
04-13-2023
5301FE BELDEN-5301FE Datasheet
149Kb / 2P
   Security & Sound, 3 Conductor 18 AWG, BC, Shielded, CMR
04-13-2023
5200FE BELDEN-5200FE Datasheet
150Kb / 2P
   Security & Sound, 2 Conductor 16 AWG, BC, Shielded, CMR
04-13-2023
5400FE BELDEN-5400FE Datasheet
173Kb / 2P
   Security & Sound, 2 Conductor 20 AWG, BC, Shielded, CMR
03-29-2023
5500FE BELDEN-5500FE Datasheet
195Kb / 2P
   Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMR
04-13-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com