Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RP08-123.3SA Datasheet(PDF) 2 Page - Recom International Power

Part No. RP08-123.3SA
Description  8 Watt DIP24 & SMD, Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RECOM [Recom International Power]
Homepage  http://www.recom-international.com
Logo 

RP08-123.3SA Datasheet(HTML) 2 Page - Recom International Power

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.recom-international.com
203
April-2005
POWERLINE
DC/DC-Converter
RP08-S_DA
Series
125
75
50
25
0
100
Ambient Temperature Range (°C)
-40
-10 0
50 60 70 80 90 100
65
Natural Convection
-25
RP08-4805SA
Input Voltage Range
12V nominal input
9-18VDC
24V nominal input
18-36VDC
48V nominal input
36-75VDC
Input Filter
Pi Type
Input Surge Voltage (100 ms max.)
12V Input
36VDC
24V Input
50VDC
48V Input
100VDC
Input Reflected Ripple (nominal Vin and full load)
20mAp-p
Start Up Time (nominal Vin and constant resistor load)
600ms typ.
Remote ON/OFF (see note 8)
DC-DC ON
Open or 3.5V < Vr < 12V
DC-DC OFF
Short or 0V < Vr < 1.2V
Remote OFF input current
Nominal input
2.5mA
Output Power
8W max.
Output Voltage Accuracy (full Load and nominal Vin)
±2%
Minimum Load (see Note 1)
10% of FL
Line Regulation (LL-HL at full load)
±0.2%
Load Regulation (25% to 100% FL)
Single
±0.5%
Dual
±1%
Cross Regulation (asymmetrical load 25%/100% FL)
±5%
Ripple and Noise (20MHz bandwith)
50mVp-p
Temperature Coefficient
±0.02%/°C, max.
Transient Response (25% load step change)
200µS
continued on next page
Specifications (typical at nominal input and 25°C unless otherwise noted)
Derating-Graph (Ambient Temperature)
Derating graphes are valid only for the shown part numbers. If you need detailed derating-information about a
part-number not shown here please contact our technical customer service at info@recom-development.at


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
REC5-123.3SRW5 Watt DIP24 / SMD Single & Dual Output 1 2 3 Recom International Power
RP03-0533SG3 Watt DIP24 & SMD Single & Dual Output 1 2 3 4 Recom International Power
REC5-123.3SRWH45 Watt DIP24 / SMD Single & Dual Output 1 2 3 Recom International Power
RP03-1205SC3 Watt DIP24 & SMD Single & Dual Output 1 2 3 4 Recom International Power
RP05-123.3SF5 Watt DIP24 & SMD Single & Dual Output 1 2 3 4 Recom International Power
RP03-1233SB3 Watt DIP24 & SMD Single Dual & Dual Isolated Output 1 2 3 4 Recom International Power
RP03-2405SD3 Watt DIP24 & SMD Single & Dual Output 1 2 3 4 Recom International Power
RP05-1233SA5 Watt DIP24 & SMD Single & Dual Output 1 2 3 4 Recom International Power
RP05-2433SAW5 Watt DIP24 & SMD Single & Dual Output 1 2 3 4 Recom International Power
RP1P51.5 Watt DIP24 & SMD Single & Dual Output 1 2 3 4 Recom International Power

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn