Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESP32 Datasheet(PDF) 34 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32 Datasheet(HTML) 34 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32 Datasheet HTML 30Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 31Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 32Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 33Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 34Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 35Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 36Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 37Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 38Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
4. Peripherals and Sensors
4.1.7 Ethernet MAC Interface
An IEEE-802.3-2008-compliant Media Access Controller (MAC) is provided for Ethernet LAN communications.
ESP32 requires an external physical interface device (PHY) to connect to the physical LAN bus (twisted-pair, fiber,
etc.). The PHY is connected to ESP32 through 17 signals of MII or nine signals of RMII. The following features are
supported on the Ethernet MAC (EMAC) interface:
• 10 Mbps and 100 Mbps rates
• Dedicated DMA controller allowing high-speed transfer between the dedicated SRAM and Ethernet MAC
• Tagged MAC frame (VLAN support)
• Half-duplex (CSMA/CD) and full-duplex operation
• MAC control sublayer (control frames)
• 32-bit CRC generation and removal
• Several address-filtering modes for physical and multicast address (multicast and group addresses)
• 32-bit status code for each transmitted or received frame
• Internal FIFOs to buffer transmit and receive frames. The transmit FIFO and the receive FIFO are both 512
words (32-bit)
• Hardware PTP (Precision Time Protocol) in accordance with IEEE 1588 2008 (PTP V2)
• 25 MHz/50 MHz clock output
4.1.8 SD/SDIO/MMC Host Controller
An SD/SDIO/MMC host controller is available on ESP32, which supports the following features:
• Secure Digital memory (SD mem Version 3.0 and Version 3.01)
• Secure Digital I/O (SDIO Version 3.0)
• Consumer Electronics Advanced Transport Architecture (CE-ATA Version 1.1)
• Multimedia Cards (MMC Version 4.41, eMMC Version 4.5 and Version 4.51)
The controller allows up to 80 MHz clock output in three different data-bus modes: 1-bit, 4-bit and 8-bit. It supports
two SD/SDIO/MMC4.41 cards in a 4-bit data-bus mode. It also supports one SD card operating at 1.8 V.
4.1.9 SDIO/SPI Slave Controller
ESP32 integrates an SD device interface that conforms to the industry-standard SDIO Card Specification Version
2.0, and allows a host controller to access the SoC, using the SDIO bus interface and protocol. ESP32 acts as the
slave on the SDIO bus. The host can access the SDIO-interface registers directly and can access shared memory
via a DMA engine, thus maximizing performance without engaging the processor cores.
The SDIO/SPI slave controller supports the following features:
• SPI, 1-bit SDIO, and 4-bit SDIO transfer modes over the full clock range from 0 to 50 MHz
• Configurable sampling and driving clock edge
• Special registers for direct access by host
• Interrupts to host for initiating data transfer
Espressif Systems
27
Submit Documentation Feedback
ESP32 Datasheet V3.4


Similar Part No. - ESP32

ManufacturerPart #DatasheetDescription
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32 ESPRESSIF-ESP32 Datasheet
1Mb / 60P
   32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
ESP32-C3 ESPRESSIF-ESP32-C3 Datasheet
619Kb / 40P
   UltraLowPower SoC with RISCV SingleCore CPU Supporting 2.4 GHz WiFi and Bluetooth LE
0.6
ESP32-C3 ESPRESSIF-ESP32-C3 Datasheet
745Kb / 44P
   UltraLowPower SoC with RISCV SingleCore CPU
Version 1.1
ESP32-C3-DEVKITC-02 ESPRESSIF-ESP32-C3-DEVKITC-02 Datasheet
745Kb / 44P
   UltraLowPower SoC with RISCV SingleCore CPU
Version 1.1
ESP32-C3-DEVKITM-1 ESPRESSIF-ESP32-C3-DEVKITM-1 Datasheet
745Kb / 44P
   UltraLowPower SoC with RISCV SingleCore CPU
Version 1.1
More results

Similar Description - ESP32

ManufacturerPart #DatasheetDescription
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32 ESPRESSIF-ESP32 Datasheet
1Mb / 60P
   32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
ESP32-WROOM-32 ESPRESSIF-ESP32-WROOM-32 Datasheet
515Kb / 25P
   32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
ESP32-SOLO-1 ESPRESSIF-ESP32-SOLO-1 Datasheet
509Kb / 24P
   32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
ESP32-WROVER ESPRESSIF-ESP32-WROVER Datasheet
518Kb / 27P
   32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
ESP32-WROVER-B ESPRESSIF-ESP32-WROVER-B Datasheet
493Kb / 26P
   32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
ESP32-WROOM-32D ESPRESSIF-ESP32-WROOM-32D Datasheet
641Kb / 27P
   32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
ESP8266EX ESPRESSIF-ESP8266EX Datasheet
811Kb / 29P
   32-bit MCU & 2.4 GHz Wi-Fi SoCs
ESP-WROOM-02D ESPRESSIF-ESP-WROOM-02D Datasheet
1Mb / 25P
   32-bit MCU & 2.4 GHz Wi-Fi SoCs
ESP-WROOM-S2 ESPRESSIF-ESP-WROOM-S2 Datasheet
2Mb / 19P
   32-bit MCU & 2.4 GHz Wi-Fi SoCs
ESP-WROOM-02 ESPRESSIF-ESP-WROOM-02 Datasheet
5Mb / 22P
   32-bit MCU & 2.4 GHz Wi-Fi SoCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com