Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MXD202 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. MXD202
Description  Low Cost, 2.0g, Dual Axis Accelerometer with Digital Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

MXD202 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet
PACKAGE CHARACTERISTICS
Package
ThetaJA
ThetaJC
Device Weight
TO-100
150°C/W
25°C/W
0.04 oz
LCC-8
110°C/W
22°C/W
0.02 oz
Page 3 of 8
®MEMSIC, Inc. 2000.
100 Burtt Road, Andover, MA 01810
Tel: 978.623.8188
Fax: 978.623.9945
www.memsic.com
MXD202 DIGITAL Data Sheet K 8/1/01
MXD202
TO-100
LCC-8
TO-100
TOP
VIEW
TOP
VIEW
+g
+g
+g
+g
X
X
Y
Y
Axes of Sensitivity
LCC-8
Axes of Sensitivity
ORDERING GUIDE
Model
Package Style
MXD202AC
TO-100 Metal Can
MXD202AL
LCC-8 SMD *
NOTE
Drops onto hard surfaces can cause shocks of greater than 50,000g
and exceed the absolute maximum rating of the device.
Care should be exercised in handling to avoid damage.
CAUTION
ESD (electrostatic discharge) sensitive device.
*Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage
to the device. These are stress ratings only; the functional operation of this device at these or any
other conditions above those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS*
Symbol
Parameter
Rating
Units
VDD
Supply Voltage to Ground Potential
-0.5 to 7.0
Volts
TSTG
Storage Temperature
-65 to +150
Deg C
Acceleration
50,000
g
* LCC parts are shipped in tape and reel packaging.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn