Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD-1224D Datasheet(PDF) 3 Page - Recom International Power

Part # RD-1224D
Description  2 Watt SIP7 & DIP14 Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RD-1224D Datasheet(HTML) 3 Page - Recom International Power

  RD-1224D Datasheet HTML 1Page - Recom International Power RD-1224D Datasheet HTML 2Page - Recom International Power RD-1224D Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.recom-international.com
67
April-2005
Package Style and Pinning (mm)
RD &
&
RC
Series
ECONOLINE
DC/DC-Converter
Dual Output
12
5
RECOM
RD-0505D
****
6
4
7.05
0.51 typ.
4.10
10.20
19.65
1.27
0.25
5 x 2.54
2.0
RECOM
RD-xxxxD
****
0.51 typ.
2.54
1.00ø+0.15/–0
2.54
Top View
Bottom View
3rd angle
projection
Recommended Footprint Details
7 PIN SIP Package
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
3.25
7.10
15.24
2.0
Bottom View
7.70
10.00
ø 0.51 typ.
Top View
Dual Output
98
11
14
17
2.54
1.00ø+0.15/–0
2.54
19.90
RECOM
RC-0505D
****
Recommended Footprint Details
14 PIN DIP Package
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
RX Pin Connections
Pin #
Dual
1
+Vin
2
–Vin
4
–Vout
5
Com
6
+Vout
Pin Connections
Pin #
RC
1
–Vin
7NC
8
Com
9
+Vout
11
–Vout
14
+Vin


Similar Part No. - RD-1224D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RD-1224D RECOM-RD-1224D Datasheet
106Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RD-1224D RECOM-RD-1224D Datasheet
96Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
RD-1224DHP RECOM-RD-1224DHP Datasheet
96Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
RD-1224DP RECOM-RD-1224DP Datasheet
96Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
More results

Similar Description - RD-1224D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RD-053.3D RECOM-RD-053.3D_06 Datasheet
96Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
RB-1.81.8S RECOM-RB-1.81.8S_06 Datasheet
111Kb / 4P
   1 Watt SIP7 & DIP14 Single & Dual Output
RY-1205S RECOM-RY-1205S Datasheet
104Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RK-1.81.8S RECOM-RK-1.81.8S_06 Datasheet
111Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RY-0505S RECOM-RY-0505S_06 Datasheet
102Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RJZ-3.33.3S RECOM-RJZ-3.33.3S Datasheet
102Kb / 3P
   2 Watt DIP14 Single & Dual Output
RY-1205D RECOM-RY-1205D Datasheet
112Kb / 2P
   ECONOLINE - DC/DC-Converter, 1 Watt, DIP14/SIP7, Regulated (Dual Output)
RUZ RECOM-RUZ Datasheet
97Kb / 3P
   2 Watt SIP7 Isolated Dual Output
RKZ-053.3S RECOM-RKZ-053.3S_06 Datasheet
108Kb / 3P
   2 Watt SIP7 Single & Dual Output
RKZ RECOM-RKZ Datasheet
108Kb / 3P
   2 Watt SIP7 Single & Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com