Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

REC5-123.3SRWH4 Datasheet(PDF) 1 Page - Recom International Power

Part No. REC5-123.3SRWH4
Description  5 Watt DIP24 / SMD Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RECOM [Recom International Power]
Homepage  http://www.recom-international.com
Logo 

REC5-123.3SRWH4 Datasheet(HTML) 1 Page - Recom International Power

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.recom-international.com
105
April-2005
5 Watt
DIP24 / SMD
Single &
&
Dual Output
ECONOLINE
DC/DC-Converter
REC5-
S_DRW/H4,
H6 Series
UL-60950-1 / CSA C22.2 certified
5W DIP Package
4kVDC & 6kVDC Isolation
Regulated Output
Continuous Short Circuit Protection
Auto-Restarting
Wide Input 2:1 & 4:1
UL94V-0 Package Material
Cost Effective
100% Burned In
Efficiency to 86%
Features
Regulated
Converters
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
DIP24
(VDC)
(VDC)
(mA)
(%)
REC5-xx3.3SRW (H4/H6)
9 - 18, 18 - 36, 36 - 72
3.3
1200
75-77
REC5-xx05SRW (H4/H6)
9 - 18, 18 - 36, 36 - 72
5
1000
79-81
REC5-xx09SRW (H4/H6)
9 - 18, 18 - 36, 36 - 72
9
556
82-83
REC5-xx12SRW (H4/H6)
9 - 18, 18 - 36, 36 - 72
12
420
84-85
REC5-xx15SRW (H4/H6)
9 - 18, 18 - 36, 36 - 72
15
340
85-86
REC5-xx05DRW (H4/H6)
9 - 18, 18 - 36, 36 - 72
±5
±500
79-81
REC5-xx12DRW (H4/H6)
9 - 18, 18 - 36, 36 - 72
±12
±210
84-85
REC5-xx15DRW (H4/H6)
9 - 18, 18 - 36, 36 - 72
±15
±170
85-86
REC5-xx3.3SRWZ (H4/H6)
9 - 36**, 18 - 72
3.3
1200
75-76
REC5-xx05SRWZ (H4/H6)
9 - 36**, 18 - 72
5
1000
81-82
REC5-xx09SRWZ (H4/H6)
9 - 36**, 18 - 72
9
556
82-83
REC5-xx12SRWZ (H4/H6)
9 - 36**, 18 - 72
12
420
83-84
REC5-xx15SRWZ (H4/H6)
9 - 36**, 18 - 72
15
340
84-85
REC5-xx05DRWZ (H4/H6)
9 - 36**, 18 - 72
±5
±500
81-82
REC5-xx12DRWZ (H4/H6)
9 - 36**, 18 - 72
±12
±210
82-83
REC5-xx15DRWZ (H4/H6)
9 - 36**, 18 - 72
±15
±170
84-85
2
2::1
1 Input (REC5-S/DRWH4/H6)
4
4::1
1 Input (REC5-S/DRWZ(H4/H6))
xx = 9-18Vin = 12
xx = 9-36Vin = 24
xx = 18-36Vin = 24
xx = 18-72Vin = 48
xx = 36-72Vin = 48
* add suffix "/H4" for 4kVDC isolation and "/H6" for 6kVDC isolation
add suffix "/A
A" or "/C
C" for Pinning, see next page
add suffix "/M
M" for metal case
e.g. REC5-xxxxSRW(Z)H4/A/M = 4kVDC isol. / Pinout "A" / metal case
** 24V 4:1 Wide Range Input Types (REC5-24xxS/DRWZ(H4/H6)) should be derated
while 9 Vin : 3.3Vout / 1100mA, 5Vout / 900mA.
This series offers high isolation of 4kVDC (= option "H4") or 6kVDC (= option "H6") making it ideal for medi-
cal applications and other sophisticated industrial applications. UL-1950 approval of this series is is applied
for. Packaging can be either DIP-24 non-conductive plastic or 5-side-shielded DIP24 metal case (= option "M")
as well as DIP24-SMD case (= option "SMD"). For all the above variants, 2 industry-standard-pinouts
(= option "A" or "C") are available.
Description
1. If the options "/M
M" for metal case and "/S
SM
MD
D" for SMD pinout are combined the maximum allowed isolation
voltage is 2kVDC because of the shoter distances between pins and metal-case
so only available SMD-opti-
on in metal-case is "/H
H2
2". DIP-24 through-hole case and SMD-plastic case are not affected and offer the
desired isolation barriers of 4kVDC for "/H4" option and 6kVDC for "/H6".
Notes :


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
REC5-123.3SRW5 Watt DIP24 / SMD Single & Dual Output 1 2 3 Recom International Power
RP03-0533SG3 Watt DIP24 & SMD Single & Dual Output 1 2 3 4 Recom International Power
RP05-123.3SF5 Watt DIP24 & SMD Single & Dual Output 1 2 3 4 Recom International Power
RP03-1205SC3 Watt DIP24 & SMD Single & Dual Output 1 2 3 4 Recom International Power
RP08-123.3SA8 Watt DIP24 & SMD Single & Dual Output 1 2 3 4 Recom International Power
RP03-1233SB3 Watt DIP24 & SMD Single Dual & Dual Isolated Output 1 2 3 4 Recom International Power
RP03-2405SD3 Watt DIP24 & SMD Single & Dual Output 1 2 3 4 Recom International Power
RP05-1233SA5 Watt DIP24 & SMD Single & Dual Output 1 2 3 4 Recom International Power
RP05-2433SAW5 Watt DIP24 & SMD Single & Dual Output 1 2 3 4 Recom International Power
RP1P51.5 Watt DIP24 & SMD Single & Dual Output 1 2 3 4 Recom International Power

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn