Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX-TS2204 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # NX-TS2204
Description  machine controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NX-TS2204 Datasheet(HTML) 3 Page - Omron Electronics LLC

  NX-TS2204 Datasheet HTML 1Page - Omron Electronics LLC NX-TS2204 Datasheet HTML 2Page - Omron Electronics LLC NX-TS2204 Datasheet HTML 3Page - Omron Electronics LLC NX-TS2204 Datasheet HTML 4Page - Omron Electronics LLC NX-TS2204 Datasheet HTML 5Page - Omron Electronics LLC NX-TS2204 Datasheet HTML 6Page - Omron Electronics LLC NX-TS2204 Datasheet HTML 7Page - Omron Electronics LLC NX-TS2204 Datasheet HTML 8Page - Omron Electronics LLC NX-TS2204 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
NX1P series machine controller
53
Performance specifications
Item
NX1P2-1140DT
@ NX1P2-1040DT@ NX1P2-9024DT@ NX1P2-9B40DT@ NX1P2-9B24DT@
Processing time Instruction
execution time
LD instruction
3.3 ns
Math instructions
(for long real data)
70 ns or more
Programming
Program
capacity*1
Size
1.5 MB
1 MB
POU definitions
450
POU instances
1,800
Memory
capacity for
variables*2
No retain attribute
Size: 2 MB
Number of variables: 90,000
Retain attribute
Size: 32 KB
Number of variables: 5,000
Data type
Number
1,000
Memory for
CJ-Series
units (can be
specified with
AT specifica-
tions for vari-
ables.)
CIO area
0 to 6,144 channel (0 to 6,143)*3
Work area
0 to 512 channel (W0 to W511)*3
Holding area
0 to 1,536 channel (H0 to H1,535)*4
DM area
0 to 16,000 channel (D0 to F15,999)*4
EM area
-
Unit
configuration
Maximum
number of
connectable
units
Maximum number of NX I/O
units that can be mounted to
the NX1P CPU unit
8 units
Maximum number of NX I/O
units for entire controller
24 units
(8 units on CPU rack + 16 units on EtherCAT slave terminals)
Power supply Model
A non-isolated power supply for DC input is built into the CPU unit
Power OFF detection time
2 to 8 ms
Motion control
Number of
controlled
axes
Number of controlled axes
12 axes
(8 motion control
axes + 4 single-
axis position
control axes)
10 axes
(6 motion control
axes + 4 single-
axis position
control axes)
4 axes
(4 single-axis
position control
axes)
2 axes
(Single-axis position control
servo axes)
Number of used real axes
8 axes
(4 motion control
servo axes + 4
single-axis posi-
tion control servo
axes)
6 axes
(2 motion control
servo axes + 4
single-axis posi-
tion control servo
axes)
4 axes
(4 single-axis po-
sition control ser-
vo axes)
2 axes
(Single-axis position control
servo axes)
Linear interpolation control
4 axes max. per axes group
-
Circular interpolation control
2 axes per axes group
-
Number of axes groups
8 groups max.
-
Position units
Pulses, millimeters, micrometers, nanometers, degrees or inches
Override factors
0.00% or 0.01% to 500.00%
Motion control period
Same as the period for primary periodic task
Cams
Number of cam data points
65,535 points max. per cam table /
262,140 points max. for all cam tables
-
Number of cam tables
80 tables max.
-
Communications Built-in
EtherNet/IP
port
Number of ports
1
Physical layer
10BASE-T, 100BASE-TX
Frame length
1,514 bytes max.
Media access method
CSMA/CD
Modulation
Baseband
Topology
Star
Baud rate
100 Mbps (100BASE-TX)
Transmission media
STP (shielded, twisted-pair) cable of Ethernet category 5, 5e or higher
Transmission distance
100 m max. (distance between Ethernet switch and node)
Cascade connections number There are no restrictions if an switching hub is used
Number of connections
32
Packet Interval*5
2 to 10,000 ms in 1-ms increments
Can be set for each connection.
Permissible
communications band
3,000 pps*6 (including heartbeat)
Number of tag sets
32 max.
Tag types
Network variables, CIO/WR/HR/DM
Number of tags per
connection (i.e., per tag
set)
8 (7 tags if controller status is included in the tag set.)
Number of tags
256 max.
Link data size per node
(total size for all tags)
19,200 bytes max.
Data size per connection 600 bytes max.
Number of registrable tag
sets
32 max. (1 connection = 1 tag set)
Tag set size
600 bytes max. (two bytes are used if controller status is included in the tag set.)
Multi-cast packet filter*7
Supported.


Similar Part No. - NX-TS2204

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
NX-09T-CV HIROSE-NX-09T-CV Datasheet
409Kb / 10P
   I/O Card Interface Connectors
NX-09T-F3 HIROSE-NX-09T-F3 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
NX-09T-F9 HIROSE-NX-09T-F9 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
NX-09T-KT3 HIROSE-NX-09T-KT3 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
NX-09T-KT9 HIROSE-NX-09T-KT9 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
More results

Similar Description - NX-TS2204

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS3021 TTELEC-DS3021 Datasheet
318Kb / 2P
   Temperature & Small Machine Controller
logo
Laird Tech Smart Techno...
HEPTABAND LSTD-HEPTABAND Datasheet
331Kb / 1P
   Machine to machine
logo
Balluff Korea Ltd.
BAE00Y5 BALLUFF-BAE00Y5 Datasheet
117Kb / 2P
   Machine Lights
0.44_2021-04-08
BAE00ZM BALLUFF-BAE00ZM Datasheet
116Kb / 2P
   Machine Lights
0.41_2021-08-13
BAE00ZP BALLUFF-BAE00ZP Datasheet
116Kb / 2P
   Machine Lights
0.41_2021-08-13
BVS001H BALLUFF-BVS001H Datasheet
179Kb / 3P
   Machine Vision
0.52_2021-04-13
BVS001J BALLUFF-BVS001J Datasheet
179Kb / 3P
   Machine Vision
0.5_2021-04-13
BVS001P BALLUFF-BVS001P Datasheet
179Kb / 3P
   Machine Vision
0.5_2021-04-13
BVS0014 BALLUFF-BVS0014 Datasheet
144Kb / 3P
   Machine Vision
0.47_2021-04-13
BAE00W9 BALLUFF-BAE00W9 Datasheet
117Kb / 2P
   Machine Lights
0.35_2021-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com