Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX-TS2202 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # NX-TS2202
Description  machine controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NX-TS2202 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button NX-TS2202 Datasheet HTML 7Page - Omron Electronics LLC NX-TS2202 Datasheet HTML 8Page - Omron Electronics LLC NX-TS2202 Datasheet HTML 9Page - Omron Electronics LLC NX-TS2202 Datasheet HTML 10Page - Omron Electronics LLC NX-TS2202 Datasheet HTML 11Page - Omron Electronics LLC NX-TS2202 Datasheet HTML 12Page - Omron Electronics LLC NX-TS2202 Datasheet HTML 13Page - Omron Electronics LLC NX-TS2202 Datasheet HTML 14Page - Omron Electronics LLC NX-TS2202 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
NX1P series machine controller
61
Output terminal block
The appearance of the output terminal block is the same for all the NX1P CPU models.
NX1P2-@@40DT
NX1P2-@@40DT1
NX1P2-
@@24DT
NX1P2-
@@24DT1
Symbol
Name
Description
C0 (0 V), C1 (0 V) Common terminal
Connected to the 0 V side of the I/O power supply
C0 (0 V) and C1 (0 V) are independent from each other inside the CPU unit
00 to 15
Output terminals
NPN (sinking) type output
NC
NC
Do not connect anything
Symbol
Name
Description
C0 (+V), C1 (+V) Common terminal
Connected to the 24 V side of the I/O power supply
C0 (+V) and C1 (+V) are independent from each other inside the CPU unit
0V0, 0V1
0 V terminal
Supplies 0 V for the internal circuits for driving
0V0 and 0V1 are independent from each other inside the CPU unit
00 to 15
Output terminals
PNP (sourcing) type output with the load short-circuit protection function
NC
NC
Do not connect anything
Symbol
Name
Description
C0 (0 V)
Common terminal
Connected to the 0 V side of the I/O power supply
00 to 09
Output terminals
NPN (sinking) type output
NC
NC
Do not connect anything
Symbol
Name
Description
C0 (+V)
Common terminal
Connected to the 24 V side of the I/O power supply
0V0
0 V terminal
Supplies 0 V for the internal circuits for driving
00 to 09
Output terminals
PNP (sourcing) type output with the load short-circuit protection function
NC
NC
Do not connect anything
NC
14
15
12
13
10
11
08
09
NC
C1
(0V)
06
07
04
05
02
03
00
01
NC
NC
C0
(0V)
NC
14
15
12
13
10
11
08
09
C1
(+V)
0V1
06
07
04
05
02
03
00
01
C0
(+V)
NC
0V0
NC
NC
NC
NC
NC
NC
NC
NC
08
NC
09
06
07
04
05
02
03
00
01
C0
(0V)
NC NC
NC
NC
NC
NC
NC
NC
NC
NC
08
NC
09
06
07
04
05
02
03
00
01
0V0
NC C0
(+V)


Similar Part No. - NX-TS2202

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
NX-09T-CV HIROSE-NX-09T-CV Datasheet
409Kb / 10P
   I/O Card Interface Connectors
NX-09T-F3 HIROSE-NX-09T-F3 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
NX-09T-F9 HIROSE-NX-09T-F9 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
NX-09T-KT3 HIROSE-NX-09T-KT3 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
NX-09T-KT9 HIROSE-NX-09T-KT9 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
More results

Similar Description - NX-TS2202

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS3021 TTELEC-DS3021 Datasheet
318Kb / 2P
   Temperature & Small Machine Controller
logo
Laird Tech Smart Techno...
HEPTABAND LSTD-HEPTABAND Datasheet
331Kb / 1P
   Machine to machine
logo
Balluff Korea Ltd.
BAE00Y5 BALLUFF-BAE00Y5 Datasheet
117Kb / 2P
   Machine Lights
0.44_2021-04-08
BAE00ZM BALLUFF-BAE00ZM Datasheet
116Kb / 2P
   Machine Lights
0.41_2021-08-13
BAE00ZP BALLUFF-BAE00ZP Datasheet
116Kb / 2P
   Machine Lights
0.41_2021-08-13
BVS001H BALLUFF-BVS001H Datasheet
179Kb / 3P
   Machine Vision
0.52_2021-04-13
BVS001J BALLUFF-BVS001J Datasheet
179Kb / 3P
   Machine Vision
0.5_2021-04-13
BVS001P BALLUFF-BVS001P Datasheet
179Kb / 3P
   Machine Vision
0.5_2021-04-13
BVS0014 BALLUFF-BVS0014 Datasheet
144Kb / 3P
   Machine Vision
0.47_2021-04-13
BAE00W9 BALLUFF-BAE00W9 Datasheet
117Kb / 2P
   Machine Lights
0.35_2021-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com