Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX-TS2201 Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # NX-TS2201
Description  machine controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NX-TS2201 Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button NX-TS2201 Datasheet HTML 11Page - Omron Electronics LLC NX-TS2201 Datasheet HTML 12Page - Omron Electronics LLC NX-TS2201 Datasheet HTML 13Page - Omron Electronics LLC NX-TS2201 Datasheet HTML 14Page - Omron Electronics LLC NX-TS2201 Datasheet HTML 15Page - Omron Electronics LLC NX-TS2201 Datasheet HTML 16Page - Omron Electronics LLC NX-TS2201 Datasheet HTML 17Page - Omron Electronics LLC NX-TS2201 Datasheet HTML 18Page - Omron Electronics LLC NX-TS2201 Datasheet HTML 19Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
NX1P series machine controller
65
NX1P series CPU units
Note: The end cover unit NX-END02 is included with the CPU unit.
Option boards
NX I/O units (local and remote I/O)
Up to 8 local NX I/O units can be connected to an NX1P CPU unit. The NX-Safety units must be used in combination with the EtherCAT commu-
nication coupler unit.
EtherCAT communication coupler
IO-Link master unit
Note: For more detailed information about IO-Link master unit, refer to “IO-Link master datasheet (I191E-EN)”.
Ordering information
Type
Program
capacity
Memory capacity
for variables
Number of axes
Built-in I/O points
Model
Appearance
Real axes Motion control
servo axes
Single-axis
position control
servo axes
I/O points Input points Output points
NX1P
1.5 MB
32 KB (retained
during power
interruptions) or
2 MB (not retained
during power
interruptions)
8 axes
4 axes
4 axes
40 points
24 points
16 points
NPN transistor
NX1P2-1140DT
16 points
PNP transistor*1
*1.
With the load short-circuit protection.
NX1P2-1140DT1
6 axes
2 axes
16 points
NPN transistor
NX1P2-1040DT
16 points
PNP transistor*1
NX1P2-1040DT1
1 MB
2 axes
0 axes
2 axes
16 points
NPN transistor
NX1P2-9B40DT
16 points
PNP transistor*1
NX1P2-9B40DT1
1.5 MB
4 axes
4 axes
24 points
14 points
10 points
NPN transistor
NX1P2-9024DT
10 points
PNP transistor*1
NX1P2-9024DT1
1 MB
2 axes
2 axes
10 points
NPN transistor
NX1P2-9B24DT
10 points
PNP transistor*1
NX1P2-9B24DT1
Type
Specifications
Supported protocol
Model
Appearance
Serial communications
1 x RS-232C port
Transmission distance: 15 m
Connection type: Screwless push-in terminal block (9 terminals)
Host link, Modbus-RTU
master and no-protocol
NX1W-CIF01
1 x RS-422A/485 port
Transmission distance: 50 m
Connection type: Screwless push-in terminal block (5 terminals)
NX1W-CIF11
1 x RS-422A/485 port (isolated)
Transmission distance: 500 m
Connection type: Screwless push-in terminal block (5 terminals)
NX1W-CIF12
Analog I/O
2 x Analog input
Voltage input: 0 to 10 V (Resolution: 1/4,000)
Current input: 0 to 20 mA (1/2,000)
Connection type: Screwless push-in terminal block (5 terminals)
NX1W-ADB21
2 x Analog output
Voltage output: 0 to 10 V (Resolution: 1/4,000)
Connection type: Screwless push-in terminal block (3 terminals)
NX1W-DAB21V
2 x Analog input / 2 x Analog output
Voltage input: 0 to 10 V (Resolution: 1/4,000)
Current input: 0 to 20 mA (1/2,000)
Voltage output: 0 to 10 V (Resolution: 1/4,000)
Connection type: Screwless push-in terminal block (8 terminals)
NX1W-MAB221
Type
Protocol
Communications
cycle in DC mode*1
*1. This depends on the specifications of the EtherCAT master and the unit configuration.
Specifications
Connection
I/O power
supply
Width
Model
Communication
coupler
EtherCAT slave
125 to 10,000
μs
Up to 63 I/O units
Max. 1024 bytes in + 1024 bytes out
Supports distributed clock
2 RJ45 ports
(in + out)
10.0 A max. 46 mm NX-ECC203
Type
No. of ports
I/O refresh method
Connection type*1
*1. Units with Screwless push-in connections are supplied with the appropriate terminal connector.
Width
Model
IO-Link master
4
Free run
Screwless push-in (NX-TBA162) 12 mm NX-ILM400


Similar Part No. - NX-TS2201

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
NX-09T-CV HIROSE-NX-09T-CV Datasheet
409Kb / 10P
   I/O Card Interface Connectors
NX-09T-F3 HIROSE-NX-09T-F3 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
NX-09T-F9 HIROSE-NX-09T-F9 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
NX-09T-KT3 HIROSE-NX-09T-KT3 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
NX-09T-KT9 HIROSE-NX-09T-KT9 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
More results

Similar Description - NX-TS2201

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS3021 TTELEC-DS3021 Datasheet
318Kb / 2P
   Temperature & Small Machine Controller
logo
Laird Tech Smart Techno...
HEPTABAND LSTD-HEPTABAND Datasheet
331Kb / 1P
   Machine to machine
logo
Balluff Korea Ltd.
BAE00Y5 BALLUFF-BAE00Y5 Datasheet
117Kb / 2P
   Machine Lights
0.44_2021-04-08
BAE00ZM BALLUFF-BAE00ZM Datasheet
116Kb / 2P
   Machine Lights
0.41_2021-08-13
BAE00ZP BALLUFF-BAE00ZP Datasheet
116Kb / 2P
   Machine Lights
0.41_2021-08-13
BVS001H BALLUFF-BVS001H Datasheet
179Kb / 3P
   Machine Vision
0.52_2021-04-13
BVS001J BALLUFF-BVS001J Datasheet
179Kb / 3P
   Machine Vision
0.5_2021-04-13
BVS001P BALLUFF-BVS001P Datasheet
179Kb / 3P
   Machine Vision
0.5_2021-04-13
BVS0014 BALLUFF-BVS0014 Datasheet
144Kb / 3P
   Machine Vision
0.47_2021-04-13
BAE00W9 BALLUFF-BAE00W9 Datasheet
117Kb / 2P
   Machine Lights
0.35_2021-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com