Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX-TC3408 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # NX-TC3408
Description  machine controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

NX-TC3408 Datasheet(HTML) 4 Page - Omron Electronics LLC

  NX-TC3408 Datasheet HTML 1Page - Omron Electronics LLC NX-TC3408 Datasheet HTML 2Page - Omron Electronics LLC NX-TC3408 Datasheet HTML 3Page - Omron Electronics LLC NX-TC3408 Datasheet HTML 4Page - Omron Electronics LLC NX-TC3408 Datasheet HTML 5Page - Omron Electronics LLC NX-TC3408 Datasheet HTML 6Page - Omron Electronics LLC NX-TC3408 Datasheet HTML 7Page - Omron Electronics LLC NX-TC3408 Datasheet HTML 8Page - Omron Electronics LLC NX-TC3408 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
54
Machine automation controller
Serial communications option board specifications
Communications Built-in
EtherNet/IP
port
Class 3
(number of connections)
32 (clients plus server)
UCMM
(non-connection type)
Number of clients that can communicate at one time: 32 max.
Number of servers that can communicate at one time: 32 max.
Number of TCP socket service 30 max.
Built-in
EtherCAT port
Communications standard
IEC 61158, Type 12
EtherCAT master specifica-
tions
Class B (feature pack motion control compliant)
Physical layer
100BASE-TX
Modulation
Baseband
Baud rate
100 Mbps (100BASE-TX)
Duplex mode
Automatic
Topology
Line, daisy chain and branching
Transmission media
Twisted-pair cable of category 5 or higher (double-shielded straight cable with aluminum tape
and braiding)
Transmission distance
Distance between nodes: 100 m max.
Number of slaves
16 max.
8 max.
Range of node addresses
1 to 192
Process data size
Inputs/Outputs: 1,434 bytes max. (However, the maximum number of process data frames is 1)
Process data size per slave
Inputs/Outputs: 1,434 bytes max.
Communications cycle
2,000
μs to 8,000 μs in 250-μs increments
4,000
μs to 8,000 μs in
250-
μs increments
Sync jitter
1
μs max.
Serial commu-
nications*8
Communications method
Half duplex
Synchronization
Start-stop
Baud rate
1.2/2.4/4.8/9.6/19.2/38.4/57.6/115.2 kbps
Transmission distance
Depends on the option board
Supported protocol
Host link, Modbus-RTU master and no-protocol
Option board
Number of slots
2
121
Built-in I/O
Input
Number of inputs
24
14
24
14
Output
Number of outputs
16
10
16
10
Load short-circuit protection
NPN models: Not provided
PNP models: Provided
Internal clock
Accuracy
At ambient temperature of 55°C: –3.5 to +0.5 min error per month
At ambient temperature of 25°C: –1.5 to +1.5 min error per month
At ambient temperature of 0°C: –3 to +1 min error per month
Retention time of built-in capacitor
At ambient temperature of 40ºC: 10 days
*1.
This is the capacity for the execution objects and variable tables (including variable names).
*2.
Memory used for CJ series units is included.
*3.
The value can be set in 1 ch increments. The value is included in the total size of variables without a retain attribute.
*4.
The value can be set in 1 ch increments. The value is included in the total size of variables with a retain attribute.
*5.
Data will be refreshed at the set interval, regardless of the number of nodes.
*6.
Means packets per second, i.e., the number of communication packets that can be sent or received in one second.
*7.
As the EtherNet/IP port implements the IGMP client, unnecessary multi-cast packets can be filtered by using an Ethernet switch that supports IGMP Snooping.
*8.
Supported only with the Serial communications option board.
Item
NX1W-CIF01
NX1W-CIF11
NX1W-CIF12
Communications port
1 x RS-232C
1 x RS-422A/485
1 x RS-422A/485 (isolated)
Communications method
Half-duplex
Synchronization method
Start-stop synchronization
Baud rate
1.2/2.4/4.8/9.6/19.2/38.4/57.6/115.2 kbps
Transmission distance
15 m50 m500 m
Supported protocol
Host link, Modbus-RTU master and no-protocol
Terminal block type
Screwless push-in terminals
9 terminals
Screwless push-in terminals
5 terminals
Applicable wire size
AWG28 to 20
AWG24 to 20
Dimensions (H × D × W)
35.9 mm x 13.5 mm x 35.9 mm
Weight
16 g13 g14 g
Power consumption
The option board power consumption is included in the CPU unit power consumption.
Isolation method
No isolation
Isolation*1
*1.
The terminals are isolated from the internal circuits of the CPU unit.
Item
NX1P2-1140DT
@ NX1P2-1040DT@ NX1P2-9024DT@ NX1P2-9B40DT@ NX1P2-9B24DT@


Similar Part No. - NX-TC3408

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
NX-09T-CV HIROSE-NX-09T-CV Datasheet
409Kb / 10P
   I/O Card Interface Connectors
NX-09T-F3 HIROSE-NX-09T-F3 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
NX-09T-F9 HIROSE-NX-09T-F9 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
NX-09T-KT3 HIROSE-NX-09T-KT3 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
NX-09T-KT9 HIROSE-NX-09T-KT9 Datasheet
409Kb / 10P
   I/O Card Interface Connectors
More results

Similar Description - NX-TC3408

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS3021 TTELEC-DS3021 Datasheet
318Kb / 2P
   Temperature & Small Machine Controller
logo
Laird Tech Smart Techno...
HEPTABAND LSTD-HEPTABAND Datasheet
331Kb / 1P
   Machine to machine
logo
Balluff Korea Ltd.
BAE00Y5 BALLUFF-BAE00Y5 Datasheet
117Kb / 2P
   Machine Lights
0.44_2021-04-08
BAE00ZM BALLUFF-BAE00ZM Datasheet
116Kb / 2P
   Machine Lights
0.41_2021-08-13
BAE00ZP BALLUFF-BAE00ZP Datasheet
116Kb / 2P
   Machine Lights
0.41_2021-08-13
BVS001H BALLUFF-BVS001H Datasheet
179Kb / 3P
   Machine Vision
0.52_2021-04-13
BVS001J BALLUFF-BVS001J Datasheet
179Kb / 3P
   Machine Vision
0.5_2021-04-13
BVS001P BALLUFF-BVS001P Datasheet
179Kb / 3P
   Machine Vision
0.5_2021-04-13
BVS0014 BALLUFF-BVS0014 Datasheet
144Kb / 3P
   Machine Vision
0.47_2021-04-13
BAE00W9 BALLUFF-BAE00W9 Datasheet
117Kb / 2P
   Machine Lights
0.35_2021-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com